Electronic Components Datasheet Search
  English  ▼

X  

CCS803 Datasheet(PDF) 2 Page - ams AG

Part # CCS803
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS803 Datasheet(HTML) 2 Page - ams AG

  CCS803 Datasheet HTML 1Page - ams AG CCS803 Datasheet HTML 2Page - ams AG CCS803 Datasheet HTML 3Page - ams AG CCS803 Datasheet HTML 4Page - ams AG CCS803 Datasheet HTML 5Page - ams AG CCS803 Datasheet HTML 6Page - ams AG CCS803 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CC-000017-DS revision: 11
Datasheet for CCS803
P a g e
| 1
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
CCS803 Ultra-low power gas sensor for Ethanol detection
Cambridge CMOS Sensors (CCS) micro-hotplate technology
provides a unique silicon platform for the CCS80x range of Metal
Oxide (MOX) gas sensors. These devices enable sensor
miniaturisation, have ultra-low power consumption and provide
fast response times due to the ability to heat the micro-hotplate
very quickly.
The micro-hotplates are fabricated using a robust silicon dioxide
membrane and include an embedded tungsten heating element
to heat the MOX based sensing material. The MOX sensing
material can be heated up to 500°C to allow the electrical
resistance of the MOX sensor to be monitored to detect the
target gas. By exploiting the fast heater cycling times,
temperature modulation techniques can be used to reduce the
device power consumption and implement advanced gas sensing
methods.
Software libraries containing proprietary algorithms and example
Android application are available for alcohol breathalyser use
case.
Product Overview
The CCS803 is an ultra-low power MOX gas sensor for monitoring
Ethanol.
For CCS803 a supply voltage (VH) is provided to the integrated
micro-heater and the gas concentration can be correlated to the
change in resistance of the MOX sensing layer (RS).
VH can be set using a low-dropout (LDO) regulator or operated in
pulsed PWM mode to reduce power consumption. The sensor
resistance (RS) is typically determined using a series load resistor
(RL), a reference voltage (VREF), and an output voltage (VOUT) read
by an Analogue-to-Digital Converter (ADC). The reference voltage
(VREF) must only be enabled during the sensor reading.
CCS803 is supported in a compact 2 mm x 3 mm DFN (Dual Flat
No lead) package as standard.
Key Benefits
Ultra-low power
consumption - ideal for
battery operated devices
High sensitivity to Ethanol
Fast heating time <25ms
for quick response
Compact 2mm x 3mm
DFN package for small
form factor designs
Recommended Sensor
Configuration
Applications
Detection of Ethanol
Alcohol breathalyser in
consumer devices



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com