Electronic Components Datasheet Search
  English  ▼

X  

CCS803 Datasheet(PDF) 4 Page - ams AG

Part # CCS803
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS803 Datasheet(HTML) 4 Page - ams AG

  CCS803 Datasheet HTML 1Page - ams AG CCS803 Datasheet HTML 2Page - ams AG CCS803 Datasheet HTML 3Page - ams AG CCS803 Datasheet HTML 4Page - ams AG CCS803 Datasheet HTML 5Page - ams AG CCS803 Datasheet HTML 6Page - ams AG CCS803 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CC-000017-DS revision: 11
Datasheet for CCS803
P a g e
| 3
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
The recommended application circuit for CCS803 is shown below.
CCS803
Ethanol
Sensor
MCU
(With integrated ADC)
ADC Input
PWM
VDD
NX2301
GND
Pin2: Heater+
Pin1: Sensor+
Pins: 3 & 4
PWM
VDD
10KΩ
Optional depends
on ADC input
impedance
+
-
VREF_Enable
RL = 1KΩ
VREF
NX2301
10KΩ
VREF_Enable
Notes:
1. The sensor can be operated in pulsed mode to reduce overall power consumption. In this case the
Heater VH is only driven for a fraction of the time at regular intervals under the control of the MCU.
2. An equivalent VH can be produced more efficiently with a PWM than with a linear regulator if a PWM
output from the MCU is available to drive an external MOSFET switch (p-channel). If not driven the
MOSFET input should be pulled high.
3. The PWM must operate with a minimum frequency of 10 kHz. The following table illustrates PWM
duty cycle requirements to enable VH in the range 1.4 – 1.6V for CCS803, other duty cycles can be
calculated using the equation VH2 / VDD2 :
Target Heater
Voltage (VH)
Supply Voltage (V)
1.5V
1.8V
2.5V
3V
3.3V
1.40
87%
60%
31%
22%
18%
1.50
100%
69%
36%
25%
21%
1.60
-
79%
50%
28%
24%
Recommended Application Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com