Electronic Components Datasheet Search
  English  ▼

X  

CCS803 Datasheet(PDF) 5 Page - ams AG

Part # CCS803
Description  Cambridge CMOS Sensors (CCS) micro-hotplate technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS803 Datasheet(HTML) 5 Page - ams AG

  CCS803 Datasheet HTML 1Page - ams AG CCS803 Datasheet HTML 2Page - ams AG CCS803 Datasheet HTML 3Page - ams AG CCS803 Datasheet HTML 4Page - ams AG CCS803 Datasheet HTML 5Page - ams AG CCS803 Datasheet HTML 6Page - ams AG CCS803 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CC-000017-DS revision: 11
Datasheet for CCS803
P a g e
| 4
© Cambridge CMOS Sensors Ltd, Deanland House, Cowley Road, Cambridge, CB4 0DL, UK
Website: www.ccmoss.com
Telephone: +44 1223 395 551
Date Issued: 26 May 2016
4. An ADC input is required on the MCU to measure the sensor resistance, the recommended ADC
reference voltage (VREF) depends on what voltage range the ADC supports. Control of the sensor bias
(VREF) [e.g. by using an external MOSFET switch (p-channel)] is required to power the sensor bias only
when needed for the ADC measurements, ensuring that all reference voltages are stable for the
measurement.
5. A minimum load resistor (RL) value of 1kΩ is recommended.
Pin No
Name
Description
1
Sensor+
Sensor output (VOUT)
2
Heater+
Heater Input (VH)
3
Sensor-
Connect to Ground or 0V
4
Heater-
Connect to Ground or 0V
Pin Assignment



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com