Electronic Components Datasheet Search
  English  ▼

X  

TMD27253M Datasheet(PDF) 7 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 7 Page - ams AG

Back Button TMD27253M Datasheet HTML 3Page - ams AG TMD27253M Datasheet HTML 4Page - ams AG TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG TMD27253M Datasheet HTML 10Page - ams AG TMD27253M Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ams Datasheet
Page 7
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Electrical Characteristics
Figure 9:
Optical Characteristics of TMD2725
Figure 10:
ALS Optical Characteristics of TMD2725
Note(s):
1. Not production tested. Representative result by laboratory characterization.
Parameter
Conditions
Clear Channel
Unit
Min
Typ
Max
Re
Irradiance responsivity
Settings:
AGAIN = 16x
ATIME = 400ms
λD = 465 nm LED, 53.8 μW/cm
2
58
Count/
(μW/cm2)
λD = 530 nm LED, 43.9 μW/cm
2
490
λD = 620 nm LED, 37.5 μW/cm
2
405
Warm White LED, 45.6 μW/cm2
363
Warm White LED, 45.6 μW/cm2
14025
16500
18975
Counts
λD = 950 nm LED, 21.1 μW/cm
2
8
Count/
(μW/cm2)
Parameter
Conditions
Min
Typ
Max
Unit
Integration time step size
2.72
2.82
2.94
ms
Dark ADC count value
Ee = 0 μW/ cm2
AGAIN: 64x
ATIME = 100ms (0xDC)
01
3
Counts
Gain Scaling, relative to 1x
gain setting
Settings:
Irradiance = 17.26uW
ATIME = 400ms
Distance = ~33cm
AGAIN = 1x
1
x
AGAIN = 4x
4.034
AGAIN = 16x
15.93
AGAIN = 64x
65.93
ADC noise
AGAIN = 16x
0.005
% full scale
Lux accuracy (1)
White LED, 2700k
90
100
110
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com