Electronic Components Datasheet Search
  English  ▼

X  

TMD27253M Datasheet(PDF) 9 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 9 Page - ams AG

Back Button TMD27253M Datasheet HTML 5Page - ams AG TMD27253M Datasheet HTML 6Page - ams AG TMD27253M Datasheet HTML 7Page - ams AG TMD27253M Datasheet HTML 8Page - ams AG TMD27253M Datasheet HTML 9Page - ams AG TMD27253M Datasheet HTML 10Page - ams AG TMD27253M Datasheet HTML 11Page - ams AG TMD27253M Datasheet HTML 12Page - ams AG TMD27253M Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
ams Datasheet
Page 9
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Typical Operating Characteristics
Figure 13:
Typical ALS Angular Response
Note(s):
1. Pitch = X/Z Plane
2. Yaw = Y/Z Plane
Figure 14:
ALS Linearity
0.0%
20.0%
40.0%
60.0%
80.0%
100.0%
120.0%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Sato - CH0 Angular
CH0 - Green LED - Pitch
CH0 - Green LED - Yaw
0.1
1
10
100
1000
10000
100000
0.01
0.1
1
10
100
1000
10000
Illuminance(Lux)
TMD2725 Linearity Response, 2700 K LED, 50ms
Gain Corrected ALS Count
Best Linear Fit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com