Electronic Components Datasheet Search
  English  ▼

X  

TMD27253M Datasheet(PDF) 18 Page - ams AG

Part # TMD27253M
Description  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M Datasheet(HTML) 18 Page - ams AG

Back Button TMD27253M Datasheet HTML 14Page - ams AG TMD27253M Datasheet HTML 15Page - ams AG TMD27253M Datasheet HTML 16Page - ams AG TMD27253M Datasheet HTML 17Page - ams AG TMD27253M Datasheet HTML 18Page - ams AG TMD27253M Datasheet HTML 19Page - ams AG TMD27253M Datasheet HTML 20Page - ams AG TMD27253M Datasheet HTML 21Page - ams AG TMD27253M Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-11] 2016-Sep-20
TMD2725 − Register Description
Detailed Register Description
Enable Register (Address 0x80)
Figure 21:
Enable Register
Before activating AEN or PEN, preset each applicable operating
mode registers and bits.
Addr: 0x80
Enable
Bit
Bit Name
Default
Access
Bit Description
7:4
RESERVED
0
RW
Reserved.
3
WEN
0
RW
This bit activates the wait feature. Active high.
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1AEN
0
RW
This bit actives the ALS function. Active high.
*Set AEN=1 and PON=1 in the same command to
ensure auto-zero function is run prior to the first
measurement.
0PON
0
RW
This field activates the internal oscillator and ADC
channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com