Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 50 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 50 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 46Page - Microchip Technology CAP1114 Datasheet HTML 47Page - Microchip Technology CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology CAP1114 Datasheet HTML 50Page - Microchip Technology CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology CAP1114 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
50
SMSC CAP1114
DATASHEET
Bits 3 - 0 - BASE_SHIFT [3:0] - Controls the scaling and data presentation of the Base Count registers.
The higher the value of these bits, the larger the range and the lower the resolution of the data
presented. The scale factor represents the multiplier to the bit-weighting presented in these register
descriptions. See Table 6.18.
APPLICATION NOTE: The BASE_SHIFT[3:0] bits normally do not need to be updated. These settings will not affect
touch detection or sensitivity. These bits are sometimes helpful in analyzing the Cap Sensing
board performance and stability.
Table 6.17 DELTA_SENSE Bit Decode
DELTA_SENSE[2:0]
SENSITIVITY MULTIPLIER
210
0
0
0
128x (most sensitive)
001
64x
0
1
0
32x (default)
011
16x
100
8x
101
4x
110
2x
1
1
1
1x - (least sensitive)
Table 6.18 BASE_SHIFT Bit Decode
BASE_SHIFT[3:0]
DATA SCALING
FACTOR
32
1
0
00
0
0
1x
00
0
1
2x
00
1
0
4x
00
1
1
8x
01
0
0
16x
01
0
1
32x
01
1
0
64x
0
1
1
1
128x
1
0
0
0
256x
All others
256x
(default = 1111b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com