Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 54 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 54 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 50Page - Microchip Technology CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology CAP1114 Datasheet HTML 54Page - Microchip Technology CAP1114 Datasheet HTML 55Page - Microchip Technology CAP1114 Datasheet HTML 56Page - Microchip Technology CAP1114 Datasheet HTML 57Page - Microchip Technology CAP1114 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
54
SMSC CAP1114
DATASHEET
6.17
Group Configuration Register 1
The Group Configuration 1 Register controls timings associated with the Capacitive Sensor channels
8 - 14 that are included in the group.
Bits 7-4 - RPT_RATE_PH[3:0] - (default 0100b) Determines the time duration between interrupt
assertions when auto repeat is enabled. This setting applies when a press and hold condition is
detected on the on the Grouped Sensors (see Section 5.5). The resolution is 35ms the range is from
35ms to 560ms as shown in Table 6.23.
Bits 3- 0 - M_PRESS[3:0] - (default 0111b) - Determines the minimum amount of time that a sensor
in the Group must detect a button press to detect a Press and Hold event. If the sensor detects a
touch for longer than the M_PRESS[3:0] settings, a Press and Hold event is detected. This has no
Table 6.23 RPT_RATE_B / SL / PH Bit Decode
RPT_RATE_B / RPT_RATE_SL / RPT_RATE_PH
INTERRUPT REPEAT
RATE
32
1
0
0
0
0
0
35ms
0
0
0
1
70ms
0
0
1
0
105ms
0
0
1
1
140ms
01
0
0
175ms
(default)
0
1
0
1
210ms
0
1
1
0
245ms
0
1
1
1
280ms
1
0
0
0
315ms
1
0
0
1
350ms
1
0
1
0
385ms
1
0
1
1
420ms
1
1
0
0
455ms
1
1
0
1
490ms
1
1
1
0
525ms
1
1
1
1
560ms
Table 6.24 Group Configuration Register 1
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
23h
R/W
Group
Configuration 1
RPT_RATE_PH[3:0]
M_PRESS[3:0]
47h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com