Electronic Components Datasheet Search
  English  ▼

X  

CAP1114 Datasheet(PDF) 52 Page - Microchip Technology

Part # CAP1114
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1114 Datasheet(HTML) 52 Page - Microchip Technology

Back Button CAP1114 Datasheet HTML 48Page - Microchip Technology CAP1114 Datasheet HTML 49Page - Microchip Technology CAP1114 Datasheet HTML 50Page - Microchip Technology CAP1114 Datasheet HTML 51Page - Microchip Technology CAP1114 Datasheet HTML 52Page - Microchip Technology CAP1114 Datasheet HTML 53Page - Microchip Technology CAP1114 Datasheet HTML 54Page - Microchip Technology CAP1114 Datasheet HTML 55Page - Microchip Technology CAP1114 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
52
SMSC CAP1114
DATASHEET
Bit 2 - RPT_EN_B - Determines whether repeat rate is enabled for all buttons.
‘0’ (default) - Repeat rate is not enabled. An interrupt will be generated when a touch is detected.
‘1’ - Repeat rate is enabled for all buttons.
Bit 1 - MAX_DUR_EN_G - Determines whether the maximum duration recalibration is enabled for
grouped sensors.
‘0’ (default) - The maximum duration recalibration functionality is disabled. A press may be held
indefinitely and no re-calibration will be performed on any button.
‘1’ - The maximum duration recalibration functionality is enabled. If a press is held for longer than
the MAX_DUR_G bit settings, the re-calibration routine will be restarted (see Section 6.18).
Bit 0 - RPT_EN_G - Determines the interrupt mechanism used when a Press and Hold event is
detected on a grouped sensor.
‘0’ - An interrupt will be generated when a Press and Hold event is detected.
‘1’ (default) - An interrupt will be generated when a Press and Hold event is detected and at the
programmed repeat rate so long as the sensor is pressed.
6.15
Sensor Enable Register
The Sensor Enable Register determines whether a Capacitive Touch Sensor input is included in the
sampling cycle in the fully active state. The length of the sampling cycle is not affected by the number
of sensors measured.
Bit 7 - GP_EN - Enables the Grouped Sensors to be included during the sampling cycle.
‘0’ - All sensors in the grouped sensors will not be sampled regardless of the state of the
VOL_UP_DOWN bit.
‘1’ (default) - Grouped sensors will be sampled. Individual channels are enabled via the Group
Sampling Enable register.
Bit 6 - S7_EN - Enables the CS7 input to be included during the sampling cycle.
‘0’ - The CS7 input is not included in the sampling cycle.
‘1’ (default) - The CS7 input is included in the sampling cycle.
Bit 5 - S6_EN - Enables the CS6 input to be included during the sampling cycle.
Bit 4 - S5_EN - Enables the CS5 input to be included during the sampling cycle.
Bit 3 - S4_EN - Enables the CS4 input to be included during the sampling cycle.
Bit 2 - S3_EN - Enables the CS3 input to be included during the sampling cycle.
Bit 1 - S2_EN - Enables the CS2 input to be included during the sampling cycle.
Bit 0 - S1_EN - Enables the CS1 input to be included during the sampling cycle.
Table 6.20 Sensor Enable Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
21h
R/W
Sensor Enable
GP_EN
S7_EN
S6_EN
S5_EN
S4_EN
S3_EN
S2_EN
S1_EN
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com