Electronic Components Datasheet Search
  English  ▼

X  

OPA452 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452 Datasheet(HTML) 5 Page - Texas Instruments

  OPA452 Datasheet HTML 1Page - Texas Instruments OPA452 Datasheet HTML 2Page - Texas Instruments OPA452 Datasheet HTML 3Page - Texas Instruments OPA452 Datasheet HTML 4Page - Texas Instruments OPA452 Datasheet HTML 5Page - Texas Instruments OPA452 Datasheet HTML 6Page - Texas Instruments OPA452 Datasheet HTML 7Page - Texas Instruments OPA452 Datasheet HTML 8Page - Texas Instruments OPA452 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA452, 453
5
SBOS127C
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = +25°C, VS = ±40V, and RL = 3.8kΩ, unless otherwise noted.
All temperatures are junction temperatures unless otherwise noted. Refer to the Applications Information section to calculate junction temperatures from ambient
temperatures for a specific configuration.
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Phase
Gain
OPA452
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Phase
OPA453
Gain
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
COMMON-MODE REJECTION RATIO vs FREQUENCY
140
120
100
80
60
40
20
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
–PSRR
+PSRR
100
10
1
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
10
100
1k
10k
100k
1M
Frequency (Hz)
i
n
e
n
1
0.1
0.01
0.001
0.0001
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
A
V = +5
V
O = 30Vp-p
R
L = 600Ω, 2kΩ
OPA452
600
Ω
2k
Ω
OPA453
600
Ω
2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com