Electronic Components Datasheet Search
  English  ▼

X  

OPA452 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA452 Datasheet HTML 5Page - Texas Instruments OPA452 Datasheet HTML 6Page - Texas Instruments OPA452 Datasheet HTML 7Page - Texas Instruments OPA452 Datasheet HTML 8Page - Texas Instruments OPA452 Datasheet HTML 9Page - Texas Instruments OPA452 Datasheet HTML 10Page - Texas Instruments OPA452 Datasheet HTML 11Page - Texas Instruments OPA452 Datasheet HTML 12Page - Texas Instruments OPA452 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OPA452, 453
9
SBOS127C
www.ti.com
APPLICATIONS INFORMATION
Figure 1 shows the OPA452 connected as a basic noninverting
amplifier. The OPA452 can be used in virtually any op amp
configuration. The OPA453 is designed for use in configura-
tions with gains of 5 or greater. Power-supply terminals
should be bypassed with 0.1
µF capacitors, or greater, near
the power-supply pins. Be sure that the capacitors are
appropriately rated for the power-supply voltage used. The
OPA452 and OPA453 can supply output currents up to
50mA with excellent performance.
FIGURE 1. Basic Circuit Connections.
CURRENT LIMIT
The OPA452 and OPA453 are designed with internal cur-
rent-limiting circuitry that limits the output current to approxi-
mately 125mA. The current limit varies slightly with increas-
ing junction temperature and supply voltage, as shown in the
Typical Characteristics. Current limit, in combination with the
thermal protection circuitry, provides protection from most
types of overload conditions including short-circuit to ground.
THERMAL PROTECTION
The OPA452 and OPA453 have thermal shutdown circuitry
that protects the amplifier from damage caused by overload
conditions. The thermal protection circuitry disables the out-
put when the junction temperature reaches approximately
160
°C, allowing the device to cool. When the junction tem-
perature cools to approximately 140
°C, the output circuitry is
automatically re-enabled.
The thermal shutdown function is not intended to replace
proper heat sinking. Activation of the thermal shutdown
circuitry is an indication of excessive power dissipation or an
inadequate heat sink. Continuously running the amplifier into
thermal shutdown can degrade reliability.
The Thermal Shutdown Indicator (Flag) pin can be monitored
to determine if shutdown is occurring. During normal opera-
tion, the current output from the flag pin is typically 50nA.
During shutdown, the current output from the flag pin in-
creases to 140
µA (typical). This current output allows for
easy interfacing to external logic. Figure 2 shows two ex-
amples implementing this function.
FIGURE 2. Thermal Shutdown Indicator.
G = 1+
R
2
R
1
Z
L
R
2
R
1
0.1
µF
10
µF
OPA452
V–
V+
+
+
V
IN
10
µF
0.1
µF
V
O
Flag
(optional)
Flag
100
µA to
165
µA
HCT
OPA452
Logic
Ground
V
OUT
+5V
19.1k
Ω
+5V
V
OUT
CMOS
OPA452
Logic
Ground
Interfacing with CMOS Logic
Interfacing with HCT Logic
39k
Ω
Interface to virtually any CMOS
logic gate by choosing a resistor
value that provides an assured
logic high voltage with the
minimum (100
µA) flag current.
HCT logic has relatively well-
controlled logic level. A properly
chosen resistor value can
assure proper logic high level
throughout the full range of flag
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com