Electronic Components Datasheet Search
  English  ▼

X  

OPA452 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA452
Description  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA452 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA452 Datasheet HTML 9Page - Texas Instruments OPA452 Datasheet HTML 10Page - Texas Instruments OPA452 Datasheet HTML 11Page - Texas Instruments OPA452 Datasheet HTML 12Page - Texas Instruments OPA452 Datasheet HTML 13Page - Texas Instruments OPA452 Datasheet HTML 14Page - Texas Instruments OPA452 Datasheet HTML 15Page - Texas Instruments OPA452 Datasheet HTML 16Page - Texas Instruments OPA452 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
OPA452, 453
13
SBOS127C
www.ti.com
FIGURE 9. Compensation of the OPA453 for G = –1.
FIGURE 10. Small-Signal Step Response for Figure 9.
R
F
5k
Ω
C
S
1.8nF
NG
1 = 1 + RF/RG = 2
NG
2 = 1 + CS/CF = 10
OPA453
+40V
–40V
V
IN
V
OUT
C
F
200pF
R
G
5k
Ω
SMALL-SIGNAL STEP RESPONSE
(G = –1, C
L = 1000pF)
2.5
µs/div
OPA453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com