Electronic Components Datasheet Search
  English  ▼

X  

LM1283 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1283
Description  140 MHz RGB Video Amplifier System with On Screen Display (OSD)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1283 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1283 Datasheet HTML 5Page - National Semiconductor (TI) LM1283 Datasheet HTML 6Page - National Semiconductor (TI) LM1283 Datasheet HTML 7Page - National Semiconductor (TI) LM1283 Datasheet HTML 8Page - National Semiconductor (TI) LM1283 Datasheet HTML 9Page - National Semiconductor (TI) LM1283 Datasheet HTML 10Page - National Semiconductor (TI) LM1283 Datasheet HTML 11Page - National Semiconductor (TI) LM1283 Datasheet HTML 12Page - National Semiconductor (TI) LM1283 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Pin Descriptions (Continued)
Pin No.
Pin Name
Schematic
Description
25
RGB Cutoff Adjust
Sets the black level of the video outputs to all
three channels. Range is 0V to 4V. Minimum
black level is limited to about 300 mV.
Functional Description
Figure 1 on the front page shows the block diagram of the
LM1283 along with the pinout of the IC. Each channel re-
ceives both a video signal and an OSD signal at its input am-
plifier (−A1). The Video/OSD Switch signal also goes to the
input amplifiers, controlling whether the video or the OSD
signal passes through the LM1283. Both the OSD inputs and
the Video/OSD Switch accept standard TTL signals. If video
is selected then a TTL low is applied to pin 4, for OSD a TTL
high needs to be applied. When the OSD feature is not used,
then pin 4 needs to be connected to ground via a 47k resis-
tor. Although the OSD input signal is a TTL signal, the input
amplifier processes this signal to match the video levels. A
TTL high signal will be at the video white level and a TTL low
signal will typically be within 100 mV of the video black level.
Note that by using the LM1283 the monitor designer con-
nects the OSD input signals directly to the IC with NO signal
processing.
DC restoration is performed on the video inputs to the
LM1283. Remember video inputs are always AC coupled to
the video pre-amp. There is no DC standard for the video in-
put, therefore AC coupling the video inputs is necessary for
proper operation of the monitor. A minimum capacitance of
1 µF is recommended at the video input pins. The preferred
value is 10 µF. Part of the signal processing of the TTL OSD
inputs is matching the black level of the OSD signal (TTL
low) to the black level of the video signal. With AC coupling
of the video inputs, DC restoration must be done at the input
to perform the black level matching.
The next stage in the LM1283 is the Contrast Attenuation.
Both the video and OSD contrast controls go to this stage.
For easy interfacing to 5V DACs all control inputs, including
these two controls, use a 0V to 4V range. Both contrast con-
trols give no attenuation at 4V and full attenuation (over
−50 dB) at 0V. The video and OSD contrast adjustments are
completely independent of each other, allowing the user to
set the desired contrast of the OSD window without affecting
the video portion of the display. There is only one output from
this section, any adjustments on the signal path beyond the
contrast stage affects both the video signal and the OSD sig-
nal.
Following the Contrast Attenuation block is the Drive Attenu-
ation. By having the Drive Attenuation past the contrast
stage, any adjustment made on the video signal will equally
affect the OSD signal. This configuration simplifies the white
level adjustment. When the white level of the video is ad-
justed then the OSD white level is automatically set. The
only OSD adjustment necessary when using the LM1283 is
the OSD contrast. Note that when performing the white level
adjustments the video portion of the display must be used,
because there are minor variations between the OSD levels
and the video levels.
The output stage is the −A2 amplifier. This stage is similar to
the LM1205 output stage, where the video output can be
blanked to a level below the video black level. A blacker than
black output during blanking provides the capability to blank
at the cathodes of the CRT. This eliminates the need for us-
ing high voltage transistors at G1 of the CRT to perform the
blanking function. When the outputs are blanked the
LM1283 can still DC restore the video output signal by using
the Clamp Gate. There is an internal feedback stage that
does the DC restoration. In order to maintain the correct
video levels based on this feedback loop, the video output of
the LM1283 must be terminated with a 390
Ω impedance.
The required correction voltage for DC restoration is stored
on the clamp cap. A value of 0.1 µF is recommended for the
clamp cap. If the cap value is too small then there will be a tilt
(shift) in the DC level of the video output during the horizon-
tal scan. If the cap value is too large, then the DC restoration
circuit may not be able to maintain the proper DC level of the
video signal. Since DC restoration is also done at the video
inputs, larger clamp cap values will be less of a problem with
the LM1283 than with most other video preamps. The refer-
ence level for the DC restoration circuit is set at the RGB
Cutoff Adjust pin (pin 25). Most monitor applications AC
couple the preamp output to the cathode drivers. Therefore
only one cutoff adjustment is provided, this is used primarily
to optimize the operation of the cathode drivers.
Note that the Blank and Clamp Gates are active low. These
pins are normally controlled by standard TTL signals. For
video applications the Clamp Gate must be used. There are
designs where the blank function may not be required. When
the Blank Gate is not used, it must be tied high by a pullup
resistor. A resistor value of 47k is acceptable, going to either
4V or 12V.
Gain of −A2 is controlled by the Drive Adjust pins. These are
also 0V to 4V control voltages. 4V results in no attenuation at
−A2, and 0V results in a −12 dB attenuation. The 12 dB ad-
justment range should provide more than enough adjust-
ment for setting the white level. Note that a 12 dB range
givesa4to1 range in the output levels between the three
channels.
Applications of the LM1283
A schematic for a demonstration board is shown in
Figure 7.
This board was used for the characterization of the LM1283.
Note that a 33
Ω resistor is in series with all inputs to the IC
that receive external signals. These resistors are necessary
to protect the IC from any sudden voltage surges that may
result during the power up and power down modes, or when
connecting the monitor to other equipment. The monitor de-
signer
must include these resistors in his design. If additional
protection against ESD at the video inputs is necessary, then
adding clamp diodes on the IC side of the 33
Ω resistor is rec-
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com