Electronic Components Datasheet Search
  English  ▼

X  

LM1283 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1283
Description  140 MHz RGB Video Amplifier System with On Screen Display (OSD)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1283 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1283 Datasheet HTML 1Page - National Semiconductor (TI) LM1283 Datasheet HTML 2Page - National Semiconductor (TI) LM1283 Datasheet HTML 3Page - National Semiconductor (TI) LM1283 Datasheet HTML 4Page - National Semiconductor (TI) LM1283 Datasheet HTML 5Page - National Semiconductor (TI) LM1283 Datasheet HTML 6Page - National Semiconductor (TI) LM1283 Datasheet HTML 7Page - National Semiconductor (TI) LM1283 Datasheet HTML 8Page - National Semiconductor (TI) LM1283 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
Pins 6, 9, and 22
15V
Peak Video Output Source Current
(Any One Amp) Pins 18, 20, and 23
28 mA
Voltage at Any Input Pin (V
IN)VCC ≥ VIN ≥ GND
Power Dissipation (P
D)
(Above 25˚C Derate based on
θ
JA
and T
J)
2.5W
Thermal Resistance to Ambient (
θ
JA)
45˚C/W
Thermal Resistance to Case (
θ
JC)
28˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 4)
2 kV
ESD Machine Model (Note 17)
200V
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
265˚C
Operating Ratings (Note 2)
Temperature Range
−20˚C to +70˚C
Supply Voltage (V
CC)
11.4V
≤ V
CC ≤ 12.6V
DC Electrical Characteristics
See DC Test Circuit (
Figure 5), T
A = 25˚C; VCC1 = VCC2 = 12V; V13 = 4V; V14 = 4V; V16 = 4V; Vdrive = 4V; V4 = 0V; V15 =
0V; V
25 = 1V unless otherwise stated
Symbol
Parameter
Conditions
Typical
(Note 5)
Limit
(Note 6)
Units
I
S
Supply Current
V
CC1+VCC2,RL= ∞ f (Note 7)
85
130
mA (max)
R
IN
Video Input Resistance
Any One Amplifier
100
k
Ω
V
15l
Clamp Gate Low Input Voltage
Clamp Comparators On
1.2
0.8
V (max)
V
15h
Clamp Gate High Input Voltage
Clamp Comparators Off
1.6
2.0
V (min)
I
15l
Clamp Gate Low Input Current
V
15 = 0V
−8.0
µA (max)
I
15h
Clamp Gate High Input Current
V
15 = 12V
0.01
1.0
µA (max)
V
16l
Blank Gate Low Input Voltage
Blank Gate On
1.2
0.8
V (max)
V
16h
Blank Gate High Input Voltage
Blank Gate Off
1.6
2.0
V (min)
I
16l
Blank Gate Low Input Current
V
16 = 0V
−4.0
µA (max)
I
16h
Blank Gate High Input Current
V
16 = 12V
0.01
1.0
µA (max)
V
12
Reference Voltage
2.0
V
I
vid-clamp
Video Input Cap Charge Current
Clamp Comparators On
±900
±400
µA (min)
I
vid-bias
Video Input Cap Bias Discharge
Current
Clamp Comparators Off
±450
nA
I
out-clamp
Output Clamp Charge Current
Clamp Comparators On
±850
±450
µA (min)
I
out-bias
Output Clamp Bias Discharge
Current
Clamp Comparators Off
150
nA
V
OL
Video Output Low Voltage
V
25 = 0V
50
100
mV (max)
V
OH
Video Output High Voltage
V
25 = 10V
8.2
7.5
V (min)
V
O(1V)
Video Black Level Output Voltage
V
25 = 1V
1.0
V (Note 8)
∆V
O(1V)
Video
∆Black Level Output
Voltage
Between Any Two Amplifiers,
V
25 = 1V
±20
±250
mV (max)
V
OL (blanked)
Video Output Blanked Voltage
Blank Gate On (V
16 ≤ 0.8V)
100
500
mV (max)
I
13, 14, 26, 27, or
28
Contrast/Drive Control Input
Current
V
contrast = Vdrive = 0V to 4V
−125
−500
nA (max)
I
25
Cut-Off Control Input Current
V
25 = 0V to 4V
−0.25
−2.0
µA (max)
V
spot
Spot Killer Voltage
V
CC Adjusted to Activate
10.6
11.2
V (max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com