Electronic Components Datasheet Search
  English  ▼

X  

PI6C9911 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C9911
Description  5V High-Speed Programmable Skew Clock Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C9911 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
D
2
-
E
1
1
9
9
C
6
I
P5
-
E
1
1
9
9
C
6
I
PE
1
1
9
9
C
6
I
P
s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
p
y
T.
x
a
M
F M
O
N
k
c
o
l
c
g
n
it
a
r
e
p
O
n
i
y
c
n
e
u
q
e
r
F
z
H
M
W
O
L
=
S
F
)
2
,
1
(
0
20
40
20
40
20
4
z
H
M
D
I
M
=
S
F
)
2
,
1
(
5
30
75
30
75
30
7
H
G
I
H
=
S
F
)
3
,
2
,
1
(
0
65
2
10
65
2
10
65
2
1
t
H
W
P
R
H
G
I
H
h
t
d
i
W
e
sl
u
P
F
E
R
2
.
32
.
32
.
3s
n
t
L
W
P
R
W
O
L
h
t
d
i
W
e
sl
u
P
F
E
R
tU
ti
n
U
w
e
k
S
el
b
a
m
m
a
r
g
o
r
P
1
el
b
a
T
e
e
S
t
R
P
W
E
K
S
w
e
k
S
ri
a
P
-
d
e
h
c
t
a
M
t
u
p
t
u
O
o
r
e
Z
)
1
Q
x
,
0
Q
x
(
)
3
1
,
2
1
(
5
0
.
00
2
.
01
.
05
2
.
01
.
05
2
.
0
s
n
t
0
W
E
K
S
)
st
u
p
t
u
O
ll
A
(
w
e
k
S
t
u
p
t
u
O
o
r
e
Z
)
4
1
,
2
1
(
0
1
.
05
2
.
05
2
.
05
.
03
.
05
7
.
0
t
1
W
E
K
S
,ll
a
F
-l
l
a
F
,
e
si
R
-
e
si
R
(
w
e
k
S
t
u
p
t
u
O
)
st
u
p
t
u
O
s
s
al
C
e
m
a
S
)
5
1
,
2
1
(
5
2
.
05
.
06
.
07
.
06
.
00
.
1
t
2
W
E
K
S
-l
a
n
i
m
o
N
,ll
a
F
-
e
si
R
(
w
e
k
S
t
u
p
t
u
O
)
d
e
d
i
v
i
D
-
d
e
d
i
v
i
D
,
d
e
tr
e
v
n
I
)
5
1
,
2
1
(
0
3
.
05
.
00
5
.
02
.
10
.
15
.
1
t
3
W
E
K
S
,ll
a
F
-l
l
a
F
,
e
si
R
-
e
si
R
(
w
e
k
S
t
u
p
t
u
O
)
st
u
p
t
u
O
s
s
al
C
t
n
e
r
e
ff
i
D
)
5
1
,
2
1
(
5
2
.
05
.
00
5
.
09
.
07
.
02
.
1
t
4
W
E
K
S
-l
a
n
i
m
o
N
,ll
a
F
-
e
si
R
(
w
e
k
S
t
u
p
t
u
O
)
d
e
tr
e
v
n
I
-
d
e
d
i
v
i
D
,
d
e
d
i
v
i
D
)
5
1
,
2
1
(
0
5
.
09
.
00
5
.
02
.
12
.
17
.
1
t V
E
D
w
e
k
S
e
ci
v
e
D
-
o
t
-
e
ci
v
e
D
)
6
1
,
1
1
(
5
7
.
05
2
.
15
6
.
1
t D
P
e
si
R
F
E
R
,y
al
e
D
n
o
it
a
g
a
p
o
r
P
e
si
R
B
F
o
t
5
2
.
0
–0
5
2
.
05
.
0
–0
5
.
07
.
0
–0
.
07
.
0
+
t
V
C
D
O
n
o
it
ai
r
a
V
el
c
y
C
y
t
u
D
t
u
p
t
u
O
)
7
1
(
5
6
.
0
–0
5
6
.
00
.
1
–0
0
.
12
.
1
–0
.
02
.
1
+
t H
W
P
m
o
rf
n
o
it
ai
v
e
D
e
m
i
T
H
G
I
H
t
u
p
t
u
O
%
0
5
)
9
1
,
8
1
(
0
.
20
.
20
.
3
t L
W
P
m
o
rf
n
o
it
ai
v
e
D
e
m
i
T
W
O
L
t
u
p
t
u
O
%
0
5
)
9
1
,
8
1
(
5
.
15
.
25
.
3
t
E
S
I
R
O
e
m
i
T
e
si
R
t
u
p
t
u
O
)
0
2
,
8
1
(
5
1
.
00
.
12
.
15
1
.
00
.
15
.
15
1
.
05
.
15
.
2
t
L
L
A
F
O
e
m
i
T
ll
a
F
t
u
p
t
u
O
)
0
2
,
8
1
(
5
1
.
00
.
12
.
15
1
.
00
.
15
.
15
1
.
05
.
15
.
2
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
1
2
(
5
.
05
.
05
.
0s
m
t R
J
el
c
y
C
o
t
-
el
c
y
C
r
e
tt
i
J
t
u
p
t
u
O
S
M
R
)
1
1
(
5
25
25
2
s
p
k
a
e
P
-
o
t
-
k
a
e
P
)
1
1
(
0
0
20
0
20
0
2
Switching Characteristics over the Operating Range(2,10,11)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com