Electronic Components Datasheet Search
  English  ▼

X  

PI6C9911 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C9911
Description  5V High-Speed Programmable Skew Clock Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C9911 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8451B
03/28/01
3F1
4F0
4F1
VCCQ
VCCN
4Q1
4Q0
GND
GND
2F0
GND
1F1
1F0
VCCN
1Q0
1Q1
GND
GND
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14
15
16 17
18 19 20
4
3
2
1
32 31 30
Product Features
• Four pairs of programmable skew outputs
• User-selectable output functions:
− Selectable skews
− Inverted and noninverted
− Operation at ½ and ¼ input frequency
− Operation at 2X and 4X input frequency
• Low skew <100ps typical same pair, 250ps max.
• Allow REF clock input to have Spread Spectrum
modulation for EMI reduction
• 2X, 4X, ½ and ¼ outputs
• 3-level inputs for skew and output frequency control
• External feedback, internal loop filter
• Low cycle-to-cycle Jitter: <25ps RMS
• Duty cycle of output clock signals: 45% min. 55% max.
• Same pinout as Cypress CY7B9911
• Available in 32-pin PLCC Package (J)
• Output Operation
3.75 to 100 MHz for PI6C9911
3.75 to 125 MHz for PI6C9911E
Description
The PI6C9911 and PI6C9911E are low-skew, low jitter, 5V phase-
lock-loop (PLL) programmable skew clock drivers, for
high-performance computing and networking applications. These
parts offer user-selectable skew-control of 4 output pairs, provid-
ing the timing delays necessary to optimize high-performance
clock-distribution circuits.
Each output can be hardwired to one of nine delay or function
configurations. Delay increments are determined by the input clock
frequency and the configurations selected by the user.
The PI6C9911 and PI6C9911E allow the REF clock input to have
Spread Spectrum modulation for EMI reduction.
Both buffers are pin-compatable with Cypress’s RoboClock
CY7B9911, but with improvedAC/DC characteristics.
The PI6C9911 and PI6C9911E also have the same pinout as
Cypress’s CY7B9911and with balanced output drive.
Logic Block Diagram
Pin Configuration
Vco and
Time Unit
Generator
Filter
Phase
Freq
Det
TEST
FS
FB
REF
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
Three Level
Select Inputs
SKEW
SELECT
MATRIX
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
32-Pin
J
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C9911 & PI6C9911E
5V High-Speed Programmable Skew
Clock Buffers - SuperClock®®®®®


Similar Part No. - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918AW PERICOM-PI6C918AW Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918BW PERICOM-PI6C918BW Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918W PERICOM-PI6C918W Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C919 PERICOM-PI6C919 Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
More results

Similar Description - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
December 1, 1999
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
High Speed Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com