Electronic Components Datasheet Search
  English  ▼

X  

PI6C9911 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C9911
Description  5V High-Speed Programmable Skew Clock Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI6C9911 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Package Diagram 32-Pin PLCC (J)
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.100
.140
.013
.021
.065
.095
1.524
2.413
.026
.032
0.661
0.812
.490
.530
.390
.430
.015
0.381
Min.
.025
.045 Typ.
Pin 1
.485
.495
.547
.553
13.894
14.046
.045
.447
.453
11.354
11.506
1.143
.050 1.27
.585
.595
14.859
15.113
Typ.
BSC
12.319
12.573
2.450
3.556
0.331
0.533
9.906
10.922
12.446
13.462
1.143
0.635 Typ.
Ordering Information
r
e
b
m
u
N
t
r
a
Py
c
a
r
u
c
c
Ae
g
a
k
c
a
Pe
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
J
2
-
1
1
9
9
C
6
I
P
J
5
-
1
1
9
9
C
6
I
P
J
1
1
9
9
C
6
I
P
s
p
0
5
2
s
p
0
0
5
s
p
0
5
7
C
C
L
P
n
i
P
-
2
3
l
ai
c
r
e
m
m
o
C
J
I
5
-
1
1
9
9
C
6
I
P
J
I
1
1
9
9
C
6
I
P
s
p
0
0
5
s
p
0
5
7
l
ai
rt
s
u
d
n
I
J
2
-
E
1
1
9
9
C
6
I
P
J
5
-
E
1
1
9
9
C
6
I
P
J
E
1
1
9
9
C
6
I
P
s
p
0
5
2
s
p
0
0
5
s
p
0
5
7
l
ai
c
r
e
m
m
o
C
J
I
5
-
E
1
1
9
9
C
6
I
P
J
I
E
1
1
9
9
C
6
I
P
s
p
0
0
5
s
p
0
5
7
l
ai
rt
s
u
d
n
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com