Electronic Components Datasheet Search
  English  ▼

X  

LM12CLK Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CLK
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CLK Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM12CLK Datasheet HTML 1Page - National Semiconductor (TI) LM12CLK Datasheet HTML 2Page - National Semiconductor (TI) LM12CLK Datasheet HTML 3Page - National Semiconductor (TI) LM12CLK Datasheet HTML 4Page - National Semiconductor (TI) LM12CLK Datasheet HTML 5Page - National Semiconductor (TI) LM12CLK Datasheet HTML 6Page - National Semiconductor (TI) LM12CLK Datasheet HTML 7Page - National Semiconductor (TI) LM12CLK Datasheet HTML 8Page - National Semiconductor (TI) LM12CLK Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Typical Performance Characteristics (Continued)
Application Information
GENERAL
Twenty five years ago the operational amplifier was a spe-
cialized design tool used primarily for analog computation.
However, the availability of low cost IC op amps in the late
1960’s prompted their use in rather mundane applications,
replacing a few discrete components. Once a few basic prin-
ciples are mastered, op amps can be used to give exception-
ally good results in a wide range of applications while mini-
mizing both cost and design effort.
The availability of a monolithic power op amp now promises
to extend these advantages to high-power designs. Some
conventional applications are given here to illustrate op amp
design principles as they relate to power circuitry. The inevi-
table fall in prices, as the economies of volume production
are realized, will prompt their use in applications that might
now seem trivial. Replacing single power transistors with an
op amp will become economical because of improved per-
formance, simplification of attendant circuitry, vastly im-
proved fault protection, greater reliability and the reduction of
design time.
Power op amps introduce new factors into the design equa-
tion. With current transients above 10A, both the inductance
and resistance of wire interconnects become important in a
number of ways. Further, power ratings are a crucial factor in
determining performance. But the power capability of the IC
cannot be realized unless it is properly mounted to an ad-
equate heat sink. Thus, thermal design is of major impor-
tance with power op amps.
This application summary starts off by identifying the origin
of strange problems observed while using the LM12 in a
Frequency Response
DS008704-43
Output Impedance
DS008704-44
Power Supply Rejection
DS008704-45
Input Bias Current
DS008704-46
Input Noise Voltage
DS008704-47
Common Mode Rejection
DS008704-48
Supply Current
DS008704-49
Supply Current
DS008704-50
Cross-Supply Current
DS008704-51
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com