Electronic Components Datasheet Search
  English  ▼

X  

LM12CLK Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CLK
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CLK Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM12CLK Datasheet HTML 6Page - National Semiconductor (TI) LM12CLK Datasheet HTML 7Page - National Semiconductor (TI) LM12CLK Datasheet HTML 8Page - National Semiconductor (TI) LM12CLK Datasheet HTML 9Page - National Semiconductor (TI) LM12CLK Datasheet HTML 10Page - National Semiconductor (TI) LM12CLK Datasheet HTML 11Page - National Semiconductor (TI) LM12CLK Datasheet HTML 12Page - National Semiconductor (TI) LM12CLK Datasheet HTML 13Page - National Semiconductor (TI) LM12CLK Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information (Continued)
where Z
L is the magnitude of the load impedance and θ its
phase angle. Maximum average dissipation occurs below
maximum output swing for
θ < 40˚.
The instantaneous power dissipation over the conducting
half cycle of one output transistor is shown here. Power dis-
sipation is near zero on the other half cycle. The output level
is that resulting in maximum peak and average dissipation.
Plots are given for a resistive and a series RL load. The latter
is representative of a 4
Ω loudspeaker operating below reso-
nance and would be the worst case condition in most audio
applications. The peak dissipation of each transistor is about
four times average. In ac applications, power capability is of-
ten limited by the peak ratings of the power transistor.
The pulse thermal resistance of the LM12 is specified for
constant power pulse duration. Establishing an exact
equivalency between constant-power pulses and those en-
countered in practice is not easy. However, for sine waves,
reasonable estimates can be made at any frequency by as-
suming a constant power pulse amplitude given by:
where
φ = 60˚ and θ is the absolute value of the phase angle
of Z
L. Equivalent pulse width is tON ≅ 0.4τ for θ = 0 and tON
≅ 0.2τ for θ≥ 20˚, where τ is the period of the output wave-
form.
DISSIPATION DRIVING MOTORS
A motor with a locked rotor looks like an inductance in series
with a resistance, for purposes of determining driver dissipa-
tion. With slow-response servos, the maximum signal ampli-
tude at frequencies where motor inductance is significant
can be so small that motor inductance does not have to be
taken into account. If this is the case, the motor can be
treated as a simple, resistive load as long as the rotor speed
is low enough that the back emf is small by comparison to
the supply voltage of the driver transistor.
A permanent-magnet motor can build up a back emf that is
equal to the output swing of the op amp driving it. Reversing
this motor from full speed requires the output drive transistor
to operate, initially, along a loadline based upon the motor
resistance and total supply voltage. Worst case, this loadline
will have to be within the continuous dissipation rating of the
drive transistor; but system dynamics may permit taking ad-
vantage of the higher pulse ratings. Motor inductance can
cause added stress if system response is fast.
Shunt- and series-wound motors can generate back emf’s
that are considerably more than the total supply voltage, re-
sulting
in
even
higher
peak
dissipation
than
a
permanent-magnet motor having the same locked-rotor re-
sistance.
VOLTAGE REGULATOR DISSIPATION
The pass transistor dissipation of a voltage regulator is eas-
ily determined in the operating mode. Maximum continuous
dissipation occurs with high line voltage and maximum load
current. As discussed earlier, ripple voltage can be averaged
if peak ratings are not exceeded; however, a higher average
voltage will be required to insure that the pass transistor
does not saturate at the ripple minimum.
Conditions during start-up can be more complex. If the input
voltage increases slowly such that the regulator does not go
into current limit charging output capacitance, there are no
problems. If not, load capacitance and load characteristics
must be taken into account. This is also the case if automatic
restart is required in recovering from overloads.
Automatic restart or start-up with fast-rising input voltages
cannot be guaranteed unless the continuous dissipation rat-
ing of the pass transistor is adequate to supply the load cur-
rent continuously at all voltages below the regulated output
voltage. In this regard, the LM12 performs much better than
IC regulators using foldback current limit, especially with
high-line input voltage above 20V.
POWER LIMITING
Should the power ratings of the LM12 be exceeded, dynamic
safe-area protection is activated. Waveforms with this power
limiting are shown for the LM12 driving ±26V at 30 Hz into
3
Ω in series with 24 mH (θ = 45˚). With an inductive load, the
output clamps to the supplies in power limit, as above. With
resistive loads, the output voltage drops in limit. Behavior
with more complex RCL loads is between these extremes.
Secondary thermal limit is activated should the case tem-
perature exceed 150˚C. This thermal limit shuts down the IC
completely (open output) until the case temperature drops to
about 145˚C. Recovery may take several seconds.
POWER SUPPLIES
Power op amps do not require regulated supplies. However,
the worst-case output power is determined by the low-line
supply voltage in the ripple trough. The worst-case power
dissipation is established by the average supply voltage with
high-line conditions. The loss in power output that can be
guaranteed is the square of the ratio of these two voltages.
Relatively simple off-line switching power supplies can pro-
vide voltage conversion, line isolation and 5-percent regula-
tion while reducing size and weight.
The regulation against ripple and line variations can provide
a substantial increase in the power output that can be guar-
DS008704-26
DS008704-27
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com