Electronic Components Datasheet Search
  English  ▼

X  

LM12CLK Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12CLK
Description  80W Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12CLK Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM12CLK Datasheet HTML 4Page - National Semiconductor (TI) LM12CLK Datasheet HTML 5Page - National Semiconductor (TI) LM12CLK Datasheet HTML 6Page - National Semiconductor (TI) LM12CLK Datasheet HTML 7Page - National Semiconductor (TI) LM12CLK Datasheet HTML 8Page - National Semiconductor (TI) LM12CLK Datasheet HTML 9Page - National Semiconductor (TI) LM12CLK Datasheet HTML 10Page - National Semiconductor (TI) LM12CLK Datasheet HTML 11Page - National Semiconductor (TI) LM12CLK Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Application Information (Continued)
One limitation of the standard bridge connection is that the load cannot be returned to ground. This can be circumvented by op-
erating the bridge with floating supplies, as shown above. For single-ended drive, either input can be grounded.
This circuit shows how two amplifiers can be cascaded to double output swing. The advantage over the bridge is that the output
can be increased with any number of stages, although separate supplies are required for each.
Discrete transistors can be used to increase output drive to ±70V at ±10A as shown above. With proper thermal design, the IC
will provide safe-area protection for the external transistors. Voltage gain is about thirty.
DS008704-16
DS008704-17
DS008704-18
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com