Electronic Components Datasheet Search
  English  ▼

X  

ST16C552 Datasheet(PDF) 13 Page - Exar Corporation

Part # ST16C552
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552 Datasheet(HTML) 13 Page - Exar Corporation

Back Button ST16C552 Datasheet HTML 9Page - Exar Corporation ST16C552 Datasheet HTML 10Page - Exar Corporation ST16C552 Datasheet HTML 11Page - Exar Corporation ST16C552 Datasheet HTML 12Page - Exar Corporation ST16C552 Datasheet HTML 13Page - Exar Corporation ST16C552 Datasheet HTML 14Page - Exar Corporation ST16C552 Datasheet HTML 15Page - Exar Corporation ST16C552 Datasheet HTML 16Page - Exar Corporation ST16C552 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
ST16C552/552A
Rev. 3.40
DMA Operation
The 552/552A FIFO trigger level provides additional
flexibility to the user for block mode operation. LSR
bits 5-6 provide an indication when the transmitter is
empty or has an empty location(s). The user can
optionally operate the transmit and receive FIFO’s in
the DMA mode (FCR bit-3). When the transmit and
receive FIFO’s are enabled and the DMA mode is
deactivated (DMA Mode “0”), the 552/552A activates
the interrupt output pin for each data transmit or
receive operation. When DMA mode is activated
(DMA Mode “1”), the user takes the advantage of
block mode operation by loading or unloading the
FIFO in a block sequence determined by the receive
trigger level and the transmit FIFO. In this mode, the
552/552A sets the interrupt output pin when charac-
ters in the transmit FIFO is below 16, or the characters
in the receive FIFO’s are above the receive trigger
level.
Power Down Mode
The 552 is designed to operate with low power con-
sumption. The 552 (only) is designed with a special
power down mode to further reduce power consump-
tion when the chip is not being used. When MCR bit-
7 and IER bit-5 are enabled (set to a logic 1), the 552
powers down. The use of two power down enable bits
helps to prevent accidental software shut-down. The
552 will remain powered down until disabled by setting
either IER bit-5 or MCR bit-7 to a logic 0.
Loop-back Mode
The internal loop-back capability allows onboard diag-
nostics. In the loop-back mode the normal modem
interface pins are disconnected and reconfigured for
loop-back internally. MCR register bits 0-3 are used
for controlling loop-back diagnostic testing. In the
loop-back mode INT enable and MCR bit-2 in the MCR
register (bits 2,3) control the modem -RI and -CD
inputs respectively. MCR signals -DTR and -RTS (bits
0-1) are used to control the modem -CTS and -DSR
inputs respectively. The transmitter output (TX) and
the receiver input (RX) are disconnected from their
associated interface pins, and instead are connected
together internally (See Figure 6). The -CTS, -DSR, -CD,
and -RI are disconnected from their normal modem
control inputs pins, and instead are connected inter-
nally to -DTR, -RTS, INT enable and MCR bit-2. Loop-
back test data is entered into the transmit holding
register via the user data bus interface, D0-D7. The
transmit UART serializes the data and passes the serial
data to the receive UART via the internal loop-back
connection. The receive UART converts the serial data
back into parallel data that is then made available at the
user data interface, D0-D7. The user optionally com-
pares the received data to the initial transmitted data for
verifying error free operation of the UART TX/RX circuits.
In this mode, the receiver and transmitter interrupts
are fully operational. The Modem Control Interrupts
are also operational. However, the interrupts can only
be read using lower four bits of the Modem Control
Register (MCR bits 0-3) instead of the four Modem
Status Register bits 4-7. The interrupts are still con-
trolled by the IER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com