Electronic Components Datasheet Search
  English  ▼

X  

ST16C552 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C552
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C552 Datasheet HTML 3Page - Exar Corporation ST16C552 Datasheet HTML 4Page - Exar Corporation ST16C552 Datasheet HTML 5Page - Exar Corporation ST16C552 Datasheet HTML 6Page - Exar Corporation ST16C552 Datasheet HTML 7Page - Exar Corporation ST16C552 Datasheet HTML 8Page - Exar Corporation ST16C552 Datasheet HTML 9Page - Exar Corporation ST16C552 Datasheet HTML 10Page - Exar Corporation ST16C552 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
ST16C552/552A
Rev. 3.40
Symbol
Pin
Signal Type
Pin Description
effect on the transmit or receive operation.
-DSR A/B
31,5
I
Data Set Ready (active low) - These inputs are associated
with individual UART channels, A through B. A logic 0 on
this pin(s) indicates the modem or data set is powered-on
and is ready for data exchange with the UART. This pin has
no effect on the UART’s transmit or receive operation.
-DTR A/B
25,11
O
Data Terminal Ready (active low) - These outputs are
associated with individual UART channels, A through B. A
logic 0 on this pin(s) indicates that the 552/552A is powered-
on and ready. This pin can be controlled via the modem
control register for channel(s) A-B. Writing a logic 1 to MCR
bit-0 will set the -DTR output to logic 0, enabling the modem.
This pin will be a logic 1 after writing a logic 0 to MCR bit-
0, or after a reset. This pin has no effect on the UART’s
transmit or receive operation.
-RI A/B
30,6
I
Ring Indicator (active low) - These inputs are associated
with individual UART channels, A through B. A logic 0 on
this pin(s) indicates the modem has received a ringing
signal from the telephone line(s). A logic 1 transition on this
input pin will generate an interrupt for the ringing channel(s).
This pin does not have any effect on the transmit or receive
operation.
-RTS A/B
24,12
O
Request to Send (active low) - These outputs are associated
with individual UART channels, A through B. A logic 0 on the
-RTS pin(s) indicates the transmitter has data ready and
waiting to send for the given channel(s). Writing a logic 1 in
the modem control register (MCR bit-1) will set this pin to a
logic 0 indicating data is available. After a reset this pin will
be set to a logic 1. This pin does not have any effect on the
transmit or receive operation.
RX A/B
41,62
I
Receive Data Input, RX A-B. - These inputs are associated
with individual serial channel(s) to the 552. The RX signal will
be a logic 1 during reset, idle (no data), or when the transmitter
is disabled. During the local loop-back mode, the RX input
pins are disabled and TX data is internally connected to the
SYMBOL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com