Electronic Components Datasheet Search
  English  ▼

X  

ST16C552 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST16C552
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552 Datasheet(HTML) 3 Page - Exar Corporation

  ST16C552 Datasheet HTML 1Page - Exar Corporation ST16C552 Datasheet HTML 2Page - Exar Corporation ST16C552 Datasheet HTML 3Page - Exar Corporation ST16C552 Datasheet HTML 4Page - Exar Corporation ST16C552 Datasheet HTML 5Page - Exar Corporation ST16C552 Datasheet HTML 6Page - Exar Corporation ST16C552 Datasheet HTML 7Page - Exar Corporation ST16C552 Datasheet HTML 8Page - Exar Corporation ST16C552 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
ST16C552/552A
Rev. 3.40
SYMBOL DESCRIPTION
Symbol
Pin
Signal Type
Pin Description
A0
35
I
Address-0 Select Bit - Internal registers address selection.
A1
34
I
Address-1 Select Bit - Internal registers address selection.
A2
33
I
Address-2 Select Bit - Internal registers address selection.
-ACK
68
I
Acknowledge (with internal pull-up) - General purpose input
or line printer acknowledge (active low). a logic 0 from the
printer, indicates successful data transfer to the print buffer.
-AutoFDXT
56
I/O
General purpose I/O (open drain, with internal pull-up) or
automatic line feed (open drain input with internal pull-up).
When this signal is low the printer should automatically line
feed after each line is printed.
BIDEN
1
I
Bi-Direction Enable - PD7-PD0 direction select. A logic 0
sets the parallel port for I/O Select Register Control. A logic
1 sets the parallel port for Control Register Bit-5 Control.
BUSY
66
I
Busy (with internal pull-up) - General purpose input or line
printer busy (active high). can be used as an output from the
printer to indicate printer is not ready to accept data.
CLK
4
I
Clock Input. - An external clock must be connected to this
pin to clock the baud rate generator and internal circuitry
(see Programmable Baud Rate Generator). This input is not
5V tolerant.
-CSA
32
I
Chip Select A - A logic 0 at this pin enables the serial
channel-A UART registers for CPU data transfers.
-CSB
3
I
Chip Select B - A logic 0 at this pin enables the serial
channel-B UART registers for CPU data transfers.
-CSP
38
I
Printer Port Chip Select - (active low). A logic 0 at this pin
enables the parallel printer port registers and/or PD7-PD0
for external CPU data transfers.
D0-D7
14-21
I/O
Data Bus (Bi-directional) - These pins are the eight bit, three
state data bus for transferring information to or from the
controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com