Electronic Components Datasheet Search
  English  ▼

X  

DS1100SDC Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1100SDC
Description  Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1100SDC Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1100SDC Datasheet HTML 1Page - Artesyn Technologies DS1100SDC Datasheet HTML 2Page - Artesyn Technologies DS1100SDC Datasheet HTML 3Page - Artesyn Technologies DS1100SDC Datasheet HTML 4Page - Artesyn Technologies DS1100SDC Datasheet HTML 5Page - Artesyn Technologies DS1100SDC Datasheet HTML 6Page - Artesyn Technologies DS1100SDC Datasheet HTML 7Page - Artesyn Technologies DS1100SDC Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1100SDC Data Sheet
Electrical Specifications
Protections
Main Output
MIN
NOM
MAX
Overcurrent protection2
120%
150%
Overvoltage protection1
13.5 V
15.0 V
Undervoltage protection
10.5 V
11.0 V
Overtemperature protection
Yes
Fan fault protection
Yes
Standby Output
Overcurrent protection3
120%
150%
Overvoltage protection3
13.5 V
15.0 V
Undervoltage protection
10.0 V
11.0 V
LED Indicators
A single bi-color LED is used to indicate the power supply status.
Status LED
No DC input to PSU
Off
Main output ON
Solid GREEN
Standby mode or Power supply failure (OCP, OVP, OTP, FAN FAULT:)
Blinking AMBER
Firmware Reporting And Monitoring
Accuracy Range
Output loading
5 to 20%
20 to 50%
50 to 100%
Input voltage
2%
Input current
±0.55 A fixed error
±4%
Input power
±1.25 W at < 125 W input
±1.25%
Output voltage
±2%
Output current
0.3 A fixed error
±2%
Temperature
±5 °C on the operating range
E
IN
±15% from 10% to 20% load
±5%
Fan speed
Actual RPM ±250 RPM
PMBus
YES
Remote ON/OFF
YES
1
Latch mode
2
Autorecovery if the overcurrent is less than 120% and last only for <500 ms
3
Standby protection is auto-recovery



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com