Electronic Components Datasheet Search
  English  ▼

X  

DS1100SDC Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS1100SDC
Description  Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1100SDC Datasheet(HTML) 3 Page - Artesyn Technologies

  DS1100SDC Datasheet HTML 1Page - Artesyn Technologies DS1100SDC Datasheet HTML 2Page - Artesyn Technologies DS1100SDC Datasheet HTML 3Page - Artesyn Technologies DS1100SDC Datasheet HTML 4Page - Artesyn Technologies DS1100SDC Datasheet HTML 5Page - Artesyn Technologies DS1100SDC Datasheet HTML 6Page - Artesyn Technologies DS1100SDC Datasheet HTML 7Page - Artesyn Technologies DS1100SDC Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS1100SDC Data Sheet
Electrical Specifications
Timing Specifications
Description
Min
Max
Unit
T
sb_On
Delay from DC input being applied to standby output being within regulation
20
1700
ms
T
sb_INPUT_OK
Delay from standby output to INPUT_OK assertion
See note below
20
ms
T
sb_Vout
Delay from standby output to main output voltage being within regulation
300
ms
T
INPUT_On_Delay
Delay from DC input being applied to main output being within regulation
2200
ms
T
PWR_GOOD_On
Delay from output voltages within regulation limits to PWOK asserted
100
1000
ms
T
INPUT_OK_Delay
Delay from loss of DC input to assertion of INPUT_OK
6
ms
T
PWR_GOOD_Hold-up
Delay from loss of DC input to deassertion of PWOK
0.2
ms
T
Vout_Hold-up
Delay from loss of DC input to main output being within regulation
1
ms
T
sb_Hold-up
Delay from loss of DC input to standby output being within regulation
150
ms
T
PWR_GOOD_Off
Delay from deassertion of PWOK to output falling out of regulation
1
ms
T
PSON_On_Delay
Delay from PSON assertion to output being within regulation
350
ms
T
PWOK_Low
Duration of PWOK being in deasserted state during an ON/OFF cycle of PSU
N/A
N/A
Note: T
sb_hold-up: tested at 1A load on standby output
T
sb_INPUT_OK: INPUT_OK can assert earlier than the standby output
Environmental Specifications
Operating temperature
DS1100SDC-3: 1100W from 0 to 50 °C
DS1100SDC-3-001: 1100W from 0 to 40°C
Operating altitude
up to 10,000 feet with derating
Operating relative humidity
20% to 80% non-condensing
Non-operating temperature
-40 to +70 °C
Non-operating relative humidity
10% to 95% non-condensing
Non-operating altitude
up to 50,000 feet
Vibration and shock
Standard operating/non-operating shock/vibration
ROHS compliance
YES
MTBF
200,000 hours per Telcordia Issue 2, Method 1, Case 3 at 25 °C ambient at full load
Operating life
Minimum of 5 years
Reliability
All electronic component derating analysis is done at maximum ambient, 80% of maximum rated load,
nominal input line voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com