Electronic Components Datasheet Search
  English  ▼

X  

SY58012U Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58012U
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012U Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY58012U Datasheet HTML 1Page - Micrel Semiconductor SY58012U Datasheet HTML 2Page - Micrel Semiconductor SY58012U Datasheet HTML 3Page - Micrel Semiconductor SY58012U Datasheet HTML 4Page - Micrel Semiconductor SY58012U Datasheet HTML 5Page - Micrel Semiconductor SY58012U Datasheet HTML 6Page - Micrel Semiconductor SY58012U Datasheet HTML 7Page - Micrel Semiconductor SY58012U Datasheet HTML 8Page - Micrel Semiconductor SY58012U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Precision Edge™
SY58012U
Micrel
INPUT STAGE
50
Ω
50
Ω
VCC
GND
/IN
VT
IN
Figure 2. Simplified Differential
Input Buffer
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
SY58012U
VCC
VCC
VREF-AC
NC
Figure 3d. DC-Coupled CML
Input Interface
(option: may connect VT to VCC)
LVPECL
IN
/IN
VT
SY58012U
VCC
Rpd
VCC
VREF-AC
NC
Note:
For VCC = 2.5V system, Rpd = 19Ω
For VCC = 3.3V system, Rpd = 50Ω
0.01
µF
Figure 3a. LVPECL
Input Interface
LVPECL
IN
/IN
VT
SY58012U
VCC
VCC
VCC
0.01
µF
Rpd
Rpd
VREF-AC
Note:
For VCC = 3.3V system, Rpd = 100Ω
For VCC = 2.5V system, Rpd = 50Ω
Figure 3b. AC-Coupled LVPECL
Input Interface
LVDS
IN
/IN
VT
NC
SY58012U
VCC
VCC
VREF-AC
NC
Figure 3c. LVDS
Input Interface
CML
IN
/IN
VT
0.01mF
5;#& 7
VCC
VCC
VCC
VREF-AC
Figure 3e. AC-Coupled CML
Input Interface



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com