Electronic Components Datasheet Search
  English  ▼

X  

SY58012U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58012U
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012U Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY58012U Datasheet HTML 1Page - Micrel Semiconductor SY58012U Datasheet HTML 2Page - Micrel Semiconductor SY58012U Datasheet HTML 3Page - Micrel Semiconductor SY58012U Datasheet HTML 4Page - Micrel Semiconductor SY58012U Datasheet HTML 5Page - Micrel Semiconductor SY58012U Datasheet HTML 6Page - Micrel Semiconductor SY58012U Datasheet HTML 7Page - Micrel Semiconductor SY58012U Datasheet HTML 8Page - Micrel Semiconductor SY58012U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Precision Edge™
SY58012U
Micrel
Part Number
Function
Data Sheet Link
SY58011U
7GHz, 1:2 CML Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy58011u.shtml
With Internal Input Termnations
SY58012U
5GHz, 1:2 LVPECL Fanout Buffer/Translator
http://www.micrel.com/product-info/products/sy58012u.shtml
With Internal Input Termination
SY58013U
6GHz, 1:2 Fanout Buffer/Translator w/400mV
http://www.micrel.com/product-info/products/sy58013u.shtml
LVPECL Outputs and Internal Terminations
16-MLF™ Manufacturing Guidelines
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
Exposed Pad Application Note
M-0317
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
R2
82
Ω
R2
82
Ω
ZO = 50Ω
ZO = 50Ω
+3.3V*
+3.3V*
VT = VCC —2V
R1
130
Ω
R1
130
Ω
+3.3V*
Figure 5. Parallel Termination-Thevenin Equivalent
Note 1.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω
Note 2.
For +3.3V systems: R1 = 130
Ω, R2 = 82Ω
Z = 50
Ω
Z = 50
Ω
50
Ω
50
Ω
50
Ω
+3.3V
+3.3V
source
destination
Rb
C1
0.01
µF
(optional)
Figure 6. Three-Resistor “Y–Termination”
Note 1.
Power-saving alternative to Thevenin termination.
Note 2.
Place termination resistors as close to destination inputs as possible.
Note 3.
Rb resistor sets the DC bias voltage, equal to VT.
For +2.5V systems Rb = 19Ω.
For +3.3V systems Rb = 46Ω to 50Ω.
Note 4.
C1 is an optional bypass capacitor intended to compensate for any
tr/tf mismatches.
LVPECL OUTPUT
+3.3V
+3.3V
ZO = 50Ω
R2
82
Ω
+3.3V
+3.3V
R1
130
Ω
R1
130
Ω
R2
82
Ω
VT = VCC —2V
Q
/Q
R4
1k
Ω
R3
1.6k
Ω
VT = VCC —1.3V
Figure 7. Terminating Unused I/O
Note 1.
Unused output (/Q) must be terminated to balance the output.
Note 2.
For +2.5V systems: R1 = 250
Ω, R2 = 62.5Ω, R3 = 1.25kΩ,
R4 = 1.2k
Ω.
For +3.3V systems: R1 = 130
Ω, R2 = 82Ω, R3 = 1kΩ, R4 = 1.6kΩ.
Note 3.
Unused output pairs (Q and /Q) may be left floating.
LVPECL output have very low output impedance (open
emitter), and small signal swing which results in low EMI.
LVPECL is ideal for driving 50
Ω and 100Ω controlled
impedance transmission lines. There are several techniques
in terminating the LVPECL output, as shown in Figures 5
through 7.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com