Electronic Components Datasheet Search
  English  ▼

X  

SY58012U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58012U
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58012U Datasheet HTML 1Page - Micrel Semiconductor SY58012U Datasheet HTML 2Page - Micrel Semiconductor SY58012U Datasheet HTML 3Page - Micrel Semiconductor SY58012U Datasheet HTML 4Page - Micrel Semiconductor SY58012U Datasheet HTML 5Page - Micrel Semiconductor SY58012U Datasheet HTML 6Page - Micrel Semiconductor SY58012U Datasheet HTML 7Page - Micrel Semiconductor SY58012U Datasheet HTML 8Page - Micrel Semiconductor SY58012U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Precision Edge™
SY58012U
Micrel
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT
Typ. 800mV
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT Typ. 1.6V
Figure 1b. Differential Voltage Swing
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to +85°C; RL = 50Ω to VCC–2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Operating Frequency
NRZ Data
5
Gbps
V
OUT ≥ 400mV
Clock
5
GHz
t
pd
Propagation Delay
V
IN ≥ 100mV
110
170
260
ps
tCHAN
Channel-to-Channel Skew
Note 8
315
ps
tSKEW
Part-to-Part Skew
Note 9
100
ps
tJITTER
Data
Random Jitter (RJ)
Note 10
1
ps(rms)
Deterministic Jitter (DJ)
Note 11
10
ps(pk-pk)
Clock
Cycle-to-Cycle Jitter
Note 12
1
ps(rms)
Total Jitter (TJ)
Note 13
10
ps(pk-pk)
tr, tf
Output Rise/Fall Time
20% to 80% at full output swing
35
80
110
ps
Note 7.
High frequency AC Electricals are guaranteed by design and characterization.
Note 8.
Skew is measured between outputs of the same bank under identical transitions.
Note 9.
Skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective
inputs.
Note 10. RJ is measured with a K28.7 comma detect character pattern, measured at 10.7Gbps and 2.5Gbps/3.2Gbps.
Note 11. DJ is measured at 10.7Gbps and 2.5Gbps/3.2Gbps with both K28.5 and 223–1 PRBS pattern
Note 12. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the
output signal.
Note 13. Total jitter definition: With an ideal clock input of frequency
≤ fMAX, no more than one output edge in 1012 output edges will deviate by more
than the specified peak-to-peak jitter value.
AC ELECTRICAL CHARACTERISTICS(Note 7)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com