Electronic Components Datasheet Search
  English  ▼

X  

DS2900 Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DS2900
Description  2900 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2900 Datasheet(HTML) 6 Page - Artesyn Technologies

  DS2900 Datasheet HTML 1Page - Artesyn Technologies DS2900 Datasheet HTML 2Page - Artesyn Technologies DS2900 Datasheet HTML 3Page - Artesyn Technologies DS2900 Datasheet HTML 4Page - Artesyn Technologies DS2900 Datasheet HTML 5Page - Artesyn Technologies DS2900 Datasheet HTML 6Page - Artesyn Technologies DS2900 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS2900 Data Sheet
Output Connector Pin Configuration
DC Output Connector
FCI HCI Series Plug (10 Blades, 24 Signal pins). Power Supply; FCI P/N; SK10065864-003LF
FCI HCI Series Receptacle (10 Blades, 24 Signal pins). Mating; FCI P/N; SK10065866-003LF
P1 - System
Pin
Signal Name
Amps per pin1
Internal to power supply
FCI HCI Series Connector
10 Power Blades
24 Signal pins
P/N SK10085236-003LF
FCI HCI Series Connector
Molex Power Dock Senior
10 Power Blades
24 Signal pins
P/N SK10065866-003LF
PB1
+ Vout
100
PB2
+ Vout
100
PB3
+ Vout
100
PB4
+ Vout
100
PB5
+ Vout
100
PB6
+ Vout Return
100
PB7
+ Vout Return
100
PB8
+ Vout Return
100
PB9
+ Vout Return
100
PB10
+ Vout Return
100
A1
PS_KILL
1.5
A2
+PS_ON
1.5
A3
+VoutI_Share
N/A
A4
S_INT
N/A
A5
+STBY
N/A
A6
+STBY Return
N/A
B1
PS_SEATED
1.5
B2
ACOK
1.5
B3
PWR_GOOD
N/A
B4
A2
N/A
B5
+STBY
N/A
B6
+STBY Return
N/A
C1
SDA
1.5
C2
SCL*
1.5
C3
A1
N/A
C4
A0
N/A
C5
+STBY
N/A
C6
+STBY Return
N/A
D1
Reserve
1.5
D2
WP
1.5
D3
+Vout_RS
N/A
D4
+Vout_RS_RETURN
N/A
D5
+STBY
N/A
D6
+STBY Return
N/A
*Supports I2C standard mode (100 kHz) only



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com