Electronic Components Datasheet Search
  English  ▼

X  

DS2900 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS2900
Description  2900 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2900 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS2900 Datasheet HTML 1Page - Artesyn Technologies DS2900 Datasheet HTML 2Page - Artesyn Technologies DS2900 Datasheet HTML 3Page - Artesyn Technologies DS2900 Datasheet HTML 4Page - Artesyn Technologies DS2900 Datasheet HTML 5Page - Artesyn Technologies DS2900 Datasheet HTML 6Page - Artesyn Technologies DS2900 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
DS2900
2900 Watts
Distributed Power System
Distributed Power Bulk Front-End
Total Output Power: 2900 Watts
+3.3 Vdc Stand-by Output
Wide Range Input Voltage:
180 - 264 Vac
Data Sheet
Special featureS
ƒ
Active power factor correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Active AC inrush control
ƒ
2U X 3U form factor
ƒ
24.8 W / in3
ƒ
+12 Vdc Output
ƒ
+3.3 Vdc stand-by
(5 V standby - consult factory)
ƒ
No minimum load required
ƒ
Hot plug operation
ƒ
N + 1 redundant
ƒ
Internal OR’ing fets
ƒ
Active current sharing (10 - 100% load)
ƒ
Built-in cooling fan (40 mm x 40 mm)
ƒ
I2C communication interface bus
ƒ
PMBus compliant
ƒ
EEPROM for FRU data
ƒ
2 LED (Green and Amber)
ƒ
Internal fan speed control
ƒ
INTEL, SSI Std. logic timing
ƒ
INTEL, SSI Std. FRU data format
PSMI V2.12
ƒ
Full digital control
ƒ
Two year warranty
ƒ
Compatible with Universal PMBus GUI
SafetY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
NEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CCC
Electrical Specifications
Input
Input range:
180 - 264 (2900 W)
Frequency:
47-63 Hz, single phase AC
Inrush current:
50 Apk maximum inrush current
Efficiency:
> 91% typical at nom line 50% load
Conducted EMI:
FCC Subpart J EN55022 Class A
Radiated EMI:
FCC Subpart J EN55022 Class A. Meets intent of NEBS, Bellcore
GR-1089
Power factor:
0.99 typical
Leakage current:
1.40 mA @ 240 VAC
Hold up time:
10 mS minimum


Similar Part No. - DS2900

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2900-3 EMERSON-NETWORKPOWER-DS2900-3 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2900-3-002 EMERSON-NETWORKPOWER-DS2900-3-002 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2900-3-003 EMERSON-NETWORKPOWER-DS2900-3-003 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2900-3-004 EMERSON-NETWORKPOWER-DS2900-3-004 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
More results

Similar Description - DS2900

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
850 Watts 48V Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
logo
Artesyn Technologies
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
1100 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com