Electronic Components Datasheet Search
  English  ▼

X  

DS2900 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS2900
Description  2900 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2900 Datasheet(HTML) 3 Page - Artesyn Technologies

  DS2900 Datasheet HTML 1Page - Artesyn Technologies DS2900 Datasheet HTML 2Page - Artesyn Technologies DS2900 Datasheet HTML 3Page - Artesyn Technologies DS2900 Datasheet HTML 4Page - Artesyn Technologies DS2900 Datasheet HTML 5Page - Artesyn Technologies DS2900 Datasheet HTML 6Page - Artesyn Technologies DS2900 Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS2900 Data Sheet
Power Good (PWOK#)
PWOK# is a power good signal and will be pulled LOW by the power supply to indicate that both the outputs are above the regulation limits of the
power supply. When an output voltage falls below regulation limits or when AC power has been removed for a time sufficiently long so that power
supply operation is no longer guaranteed, PWOK will be de-asserted to a HIGH state. The start of the PWOK# delay time shall be inhibited as long
as the +12 Vdc output is in current limit or the 3.30 Vsb output is below the regulation limit.
Signal Type:
Open collector/drain output from power supply. Pull-up to 3.30Vsb external to the power
supply
PWOK = High
Power not good
PWOK = Low
Power Good
MIN
MAX
Logic level low voltage, Isink = 4 mA
0 V
0.8 V
Logic level high voltage, Isource = 200 A
2.0 V
4.125 V
Sink current, PWOK = low
4 mA
Source current, PWOK = high
2 mA
PWOK delay: T
pwok on
100 ms
1000 ms
PWOK rise and fall time
100 sec
Power down delay: T
pwok off
1 ms
1000 msec
Table 2 PWOK# Signal Characteristics
Power Supply Present Indicator (PRESENT#)
The PRESENT# signal is primarily used to provide a mechanism by which the host system can sense the number of power supplies physically
present (operational or not). This pin is connected to ground in the power supply.
AC Input Present Indicator (ACOK#)
The AC OK# signal is used to indicate presence of AC input to the power supply. This signal shall be connected to 3.3 Vsb through a resistor on the
host system side. A logic “Low” level on this signal shall indicate AC input to the power supply is present. A Logic “HIgh” on this signal shall
indiciate a loss of AC input to the power supply.
Signal Type
Pull-up to 3.30 Vsb through a resitor in the host system
PRESENT# = Low
Present
PRESENT# = High
Not Present
Table 3 ACOK# Signal Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com