Electronic Components Datasheet Search
  English  ▼

X  

DS2500PE Datasheet(PDF) 4 Page - Artesyn Technologies

Part # DS2500PE
Description  180 Vac to 264 Vac 2500 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2500PE Datasheet(HTML) 4 Page - Artesyn Technologies

  DS2500PE Datasheet HTML 1Page - Artesyn Technologies DS2500PE Datasheet HTML 2Page - Artesyn Technologies DS2500PE Datasheet HTML 3Page - Artesyn Technologies DS2500PE Datasheet HTML 4Page - Artesyn Technologies DS2500PE Datasheet HTML 5Page - Artesyn Technologies DS2500PE Datasheet HTML 6Page - Artesyn Technologies DS2500PE Datasheet HTML 7Page - Artesyn Technologies DS2500PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Signals
PS_PRESENT
Signal used to indicate to the system that a power supply is inserted in the power bay.
PS_INTERRUPT
Active low signal used by the power supply to indicate to the system that a change in power supply status has occurred. This event can be
triggered by faults such as OVP, OCP, OTP, and fan fault. This signal can be cleared by a CLEAR_FAULT command.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
3.46 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin at low state
4 mA
Control and Status Signals
Rev. 12.17.13
DS2500PE-3
4 of 9
Embedded Power for
Business-Critical Continuity
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies configured in the system for n+n sharing will refer to this
bus voltage inorder to load share.
Voltage Range The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Voltage at 100% load, stand alone unit
4.75
5.25
Voltage at 50% load, stand-alone unit
2.375
2.625
Voltage at 0% load, stand-alone unit
0
0.3
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA
Clock, data and addressing signals defined as per I2C requirements. The maximum system side resistor pull-up and decoupling capacitance
VL Input logic level LOW
0.8 V
VH Input logic level HIGH
2.0 V
3.46 V
Note: All signal noise levels are below 400 mVpk-pk from 0-100 MHz.
A1
A0
Active Bus
Low
Low
None
Low
High
All “A”
High
Low
All “B”
High
High
None
FRU EEPROM Address
Write
0xA0h
Read
0xA1h
I2C Address
Write
0xA0h
Read
0xA1h
I2C Addressing Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com