Electronic Components Datasheet Search
  English  ▼

X  

DS2500PE Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS2500PE
Description  180 Vac to 264 Vac 2500 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2500PE Datasheet(HTML) 1 Page - Artesyn Technologies

  DS2500PE Datasheet HTML 1Page - Artesyn Technologies DS2500PE Datasheet HTML 2Page - Artesyn Technologies DS2500PE Datasheet HTML 3Page - Artesyn Technologies DS2500PE Datasheet HTML 4Page - Artesyn Technologies DS2500PE Datasheet HTML 5Page - Artesyn Technologies DS2500PE Datasheet HTML 6Page - Artesyn Technologies DS2500PE Datasheet HTML 7Page - Artesyn Technologies DS2500PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 12.17.13
DS2500PE-3
1 of 9
Embedded Power for
Business-Critical Continuity
DS2500PE
180 Vac to 264 Vac
2500 W
Distributed Power Bulk Front-end
Single Ouptut Standard
Total Output Power: 2500 W
continuous
Special Features
• 2500 W output power
• High-power and narrow form factor
• 1U form factor
• High-density design: 23.3 W/in3
• Active Power Factor Correction
• EN61000-3-2 harmonic compliance
• Inrush current control
• 80plus platinum efficiency
• N+1 or N+N Redundant
• Hot-pluggable
• Active current sharing
• PMBus compliant
• Compatible with Emerson’s
universal PMBus GUI
• Two-year warranty
Compliance
• Class A +6dB margin Conducted/
Radiated EMI
• EN61000-4-11
Safety
• UL/cUL 60950
• DEMKO+ CB Report EN60950
• CE Mark
• BSMI
Electrical Specifications
Input
Input voltage range:
180 to 264 Vac
Frequency:
47 Hz to 63 Hz
Efficiency:
94.0% peak
Max input current:
15.6 Arms
Inrush current:
55 Apk
Conducted EMI:
Class A
Radiated EMI:
Class A
Power factor:
>0.97, typical
ITHD:
10%
Leakage current:
0.75 mA
Hold-up time:
12ms
Ordering Information
Main Output Standby Output
Airflow Direction
DS2500PE-3
12V
3.3VSB @ 2.7A
Forward (output to handle)


Similar Part No. - DS2500PE

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS2500D5S MTU-DS2500D5S Datasheet
702Kb / 6P
DIESEL GENERATOR SET
More results

Similar Description - DS2500PE

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
Universal Input 85-264 VAC
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
RANGE: Full input Range 85 to 264 VAC.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com