Electronic Components Datasheet Search
  English  ▼

X  

DS2500PE Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DS2500PE
Description  180 Vac to 264 Vac 2500 W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2500PE Datasheet(HTML) 5 Page - Artesyn Technologies

  DS2500PE Datasheet HTML 1Page - Artesyn Technologies DS2500PE Datasheet HTML 2Page - Artesyn Technologies DS2500PE Datasheet HTML 3Page - Artesyn Technologies DS2500PE Datasheet HTML 4Page - Artesyn Technologies DS2500PE Datasheet HTML 5Page - Artesyn Technologies DS2500PE Datasheet HTML 6Page - Artesyn Technologies DS2500PE Datasheet HTML 7Page - Artesyn Technologies DS2500PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. 12.17.13
DS2500PE-3
5 of 9
Embedded Power for
Business-Critical Continuity
LED Indicators
AC GOOD LED
DC GOOD LED
FAULT LED
Color
GREEN
GREEN
AMBER
No AC input to PSU
Off
Off
Off
AC present, STBY ON, main output OFF
On
Blinking
Off
Main output ON
On
On
Off
Power supply failure (OVP, OTP, FAN FAULT)
On
Off
On
Firmware Reporting And Monitoring
Accuracy Range
Output loading
5 to 20%
20 to 50%
50 to 100%
Input power
±10 W at <250 W input
±5%
Output power
±10 W at <250 W Output
±5%
Temperature
±5 degC on the operating range
Fan speed
TBD
PMBus
YES
Remote ON/OFF
YES
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com