Electronic Components Datasheet Search
  English  ▼

X  

MRF39RA Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 3 Page - Microchip Technology

  MRF39RA Datasheet HTML 1Page - Microchip Technology MRF39RA Datasheet HTML 2Page - Microchip Technology MRF39RA Datasheet HTML 3Page - Microchip Technology MRF39RA Datasheet HTML 4Page - Microchip Technology MRF39RA Datasheet HTML 5Page - Microchip Technology MRF39RA Datasheet HTML 6Page - Microchip Technology MRF39RA Datasheet HTML 7Page - Microchip Technology MRF39RA Datasheet HTML 8Page - Microchip Technology MRF39RA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
 2015 Microchip Technology Inc.
DS40001778B-page 3
MRF39RA
1.0
OVERVIEW
The MRF39RA is a single-chip integrated circuit
ideally suited for today’s high-performance ISM band
RF applications. The MRF39RA’s advanced features
set, including state-of-the-art packet engine, greatly
simplifies system design while the high level of
integration reduces the external bill of materials (BOM)
to a handful of passive decoupling and matching
components.
It
is
intended
for
use
as
a
high-performance, low-cost FSK and OOK RF receiver
for robust frequency agile RF links, and where stable
and constant RF performance is required over the full
operating range of the device down to 1.8V.
The MRF39RA is intended for applications over a wide
frequency range, including the 433 MHz and 868 MHz
European and 902-928 MHz North American ISM
bands. Coupled with a very aggressive sensitivity, the
advanced system features of the MRF39RA include a
66-byte RX FIFO, configurable automatic packet
handler, Listen mode, temperature sensor and
configurable DIOs, which greatly enhance system
flexibility
while
significantly
reducing
MCU
requirements at the same time.
The MRF39RA complies with both ETSI and FCC
regulatory requirements and is available in a 5 x 5 mm
24-lead QFN package.
FIGURE 1-1:
SIMPLIFIED BLOCK DIAGRAM
LNA
Single to
Differential
Mixers

Modulators
RSSI
AFC
Division by
2, 4 or 6
Frac-N PLL
Synthesizer
XO
32 MHz
XTAL
Tank
Inductor
Loop
Filter
RFIN
RESET
NC
Power Distribution System
VBAT1&2
VR_ANA
VR_DIG
RC
Oscillator
Frequency Synthesis
Receiver Blocks
Control Blocks
Primarily Analog
Primarily Digital
GND
SPI
DIO0
GND
DIO1
DIO2
DIO3
DIO4
DIO5
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com