Electronic Components Datasheet Search
  English  ▼

X  

MRF39RA Datasheet(PDF) 19 Page - Microchip Technology

Part # MRF39RA
Description  Low-Power, Integrated UHF Receiver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF39RA Datasheet(HTML) 19 Page - Microchip Technology

Back Button MRF39RA Datasheet HTML 15Page - Microchip Technology MRF39RA Datasheet HTML 16Page - Microchip Technology MRF39RA Datasheet HTML 17Page - Microchip Technology MRF39RA Datasheet HTML 18Page - Microchip Technology MRF39RA Datasheet HTML 19Page - Microchip Technology MRF39RA Datasheet HTML 20Page - Microchip Technology MRF39RA Datasheet HTML 21Page - Microchip Technology MRF39RA Datasheet HTML 22Page - Microchip Technology MRF39RA Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
 2015 Microchip Technology Inc.
DS40001778B-page 19
MRF39RA
2.4.18
TEMPERATURE SENSOR
When temperature is measured, the receiver ADC is
used to digitize the sensor response. Most receiver
blocks are disabled, and temperature measurement
can only be triggered in Standby or Frequency
Synthesizer modes.
As shown in Figure 2-11, the response of the
temperature sensor is -1°C/Lsb. A CMOS temperature
sensor is not accurate by nature; therefore, it must be
calibrated at ambient temperature for precise
temperature readings.
FIGURE 2-11:
TEMPERATURE SENSOR RESPONSE
It takes less than 100 microseconds for the MRF39RA
to
evaluate
the
temperature
from
setting
TempMeasStart to ‘1’ to TempMeasRunning Reset.
2.4.19
TIME-OUT FUNCTION
The MRF39RA includes a time-out function, which
enables it to automatically shut down the receiver after
a receive sequence and, therefore, save energy.
• Time-out interrupt is generated,
TimeoutRxStart x 16 x Tbit, after switching to RX
mode if RssiThreshold flag does not raise within
this time frame.
• Time-out interrupt is generated,
TimeoutRssiThresh x 16 x Tbit, after
RssiThreshold flag is raised.
Use Time-out interrupt to warn the companion
processor to shut down the receiver and return to a
lower power mode.
-40
°C
+85
°C
TempValue
Ambient
Returns 150d (typ.)
Needs calibration
tt+1
TempValue(t)
TempValue(t)-1
-1
°C/Lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com