Electronic Components Datasheet Search
  English  ▼

X  

TPS54010 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54010
Description  2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54010 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54010 Datasheet HTML 1Page - Texas Instruments TPS54010 Datasheet HTML 2Page - Texas Instruments TPS54010 Datasheet HTML 3Page - Texas Instruments TPS54010 Datasheet HTML 4Page - Texas Instruments TPS54010 Datasheet HTML 5Page - Texas Instruments TPS54010 Datasheet HTML 6Page - Texas Instruments TPS54010 Datasheet HTML 7Page - Texas Instruments TPS54010 Datasheet HTML 8Page - Texas Instruments TPS54010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
(1) (2)
TPS54010
SLVS509A – MAY 2004 – REVISED AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
TA
OUTPUT VOLTAGE
PACKAGE
PART NUMBER
-40
°C to 85°C
Adjustible down to 0.9 V
Plastic HTSSOP (PWP)(1)
TPS54010PWP
(1)
The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS54010PWPR). See the application
section of the data sheet for PowerPAD drawing and layout information.
over operating free-air temperature range (unless otherwise noted) (1)
TPS54010
UNIT
SS/ENA, SYNC
–0.3 to 7
RT
–0.3 to 6
VI
Input voltage range
VSENSE
–0.3 to 4
V
PVIN, VIN
–0.3 to 4.5
BOOT
–0.3 to 10
VBIAS, COMP, PWRGD
–0.3 to 7
VO
Output voltage range
V
PH
–0.6 to 6
PH
Internally limited
VO
Source current
COMP, VBIAS
6
mA
PH
25
A
IS
Sink current
COMP
6
mA
SS/ENA, PWRGD
10
Voltage differential
AGND to PGND
±0.3
V
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
Human body model (HBM)
1.5
kV
Electrostatic Discharge (ESD) ratings
CDM
750
V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VI
Input voltage, VIN
3
4
V
Power Input voltage, PVIN
2.2
4
V
TJ
Operating junction temperature
–40
125
°C
THERMAL IMPEDANCE
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
POWER RATING
POWER RATING
POWER RATING
28-Pin PWP with solder
14.4
°C/W
6.94 W(3)
3.81 W
2.77 W
28-Pin PWP without solder
27.9
°C/W
3.58 W
1.97 W
1.43 W
(1)
For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2)
Test board conditions:
a. 3 inch x 3 inch, 4 layers, thickness: 0.062 inch
b. 1.5-oz. copper traces located on the top of the PCB
c. 1.5-oz. copper ground plane on the bottom of the PCB
d. 0.5-oz. copper ground planes on the 2 internal layers
e. 12 thermal vias (see Recommended Land Pattern in applications section of this data sheet)
(3)
Maximum power dissipation may be limited by over current protection.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com