Electronic Components Datasheet Search
  English  ▼

X  

TPS54010 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54010
Description  2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS54010 Datasheet HTML 17Page - Texas Instruments TPS54010 Datasheet HTML 18Page - Texas Instruments TPS54010 Datasheet HTML 19Page - Texas Instruments TPS54010 Datasheet HTML 20Page - Texas Instruments TPS54010 Datasheet HTML 21Page - Texas Instruments TPS54010 Datasheet HTML 22Page - Texas Instruments TPS54010 Datasheet HTML 23Page - Texas Instruments TPS54010 Datasheet HTML 24Page - Texas Instruments TPS54010 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
VOLTAGE REFERENCE
OSCILLATOR AND PWM RAMP
Switching Frequency +
100 kW
R
500 [kHz]
(27)
ERROR AMPLIFIER
DEAD-TIME CONTROL AND MOSFET
PWM CONTROL
TPS54010
SLVS509A – MAY 2004 – REVISED AUGUST 2004
External loading on VBIAS is allowed, with the
During this period, the PWM ramp discharges rapidly
caution that internal circuits require a minimum
to its valley voltage. When the ramp begins to charge
VBIAS of 2.7 V, and external loads on VBIAS with ac
back up, the low-side FET turns off and high-side
or digital-switching noise may degrade performance.
FET turns on. As the PWM ramp voltage exceeds the
The VBIAS pin may be useful as a reference voltage
error amplifier output voltage, the PWM comparator
for external circuits. VBIAS is derived from the VIN
resets the latch, thus turning off the high-side FET
pin; see the functional block diagram of this data
and turning on the low-side FET. The low-side FET
sheet.
remains on until the next oscillator pulse discharges
the PWM ramp. During transient conditions, the error
amplifier output could be below the PWM ramp valley
voltage or above the PWM peak voltage. If the error
The voltage reference system produces a precise Vref
amplifier is high, the PWM latch is never reset, and
signal by scaling the output of a temperature stable
the high-side FET remains on until the oscillator pulse
bandgap circuit. During manufacture, the bandgap
signals the control logic to turn the high-side FET off
and scaling circuits are trimmed to produce 0.891 V
and the low-side FET on. The device operates at its
at the output of the error amplifier, with the amplifier
maximum duty cycle until the output voltage rises to
connected as a voltage follower. The trim procedure
the regulation set-point, setting VSENSE to approxi-
adds
to
the
high-precision
regulation
of
the
mately the same voltage as VREF. If the error
TPS54010, because it cancels offset errors in the
amplifier output is low, the PWM latch is continually
scale and error amplifier circuits.
reset and the high-side FET does not turn on. The
low-side FET remains on until the VSENSE voltage
decreases
to
a
range
that
allows
the
PWM
comparator to change states. The TPS54010 is
The oscillator frequency is set to an internally fixed
capable of sinking current continuously until the
value of 350 kHz. The oscillator frequency can be
output reaches the regulation set-point.
externally adjusted from 280 to 700 kHz by con-
necting a resistor between the RT pin to ground. The
If the current limit comparator trips for longer than
switching frequency is approximated by the following
100 ns, the PWM latch resets before the PWM ramp
equation, where R is the resistance from RT to
exceeds the error amplifier output. The high-side FET
AGND:
turns off and low-side FET turns on to decrease the
energy in the output inductor and consequently the
output current. This process is repeated each cycle in
which the current limit comparator is tripped.
The high-performance, wide bandwidth, voltage error
DRIVERS
amplifier sets the TPS54010 apart from most dc/dc
converters. The user is given the flexibility to use a
Adaptive dead-time control prevents shoot-through
wide range of output L and C filter components to suit
current
from
flowing
in
both
N-channel
power
the particular application needs. Type-2 or Type-3
MOSFETs during the switching transitions by actively
compensation can be employed using external com-
controlling the turn-on times of the MOSFET drivers.
pensation components.
The high-side driver does not turn on until the voltage
at the gate of the low-side FET is below 2 V. While
the low-side driver does not turn on until the voltage
at the gate of the high-side MOSFET is below 2 V.
Signals from the error amplifier output, oscillator, and
The high-side and low-side drivers are designed with
current limit circuit are processed by the PWM control
300-mA source and sink capability to quickly drive the
logic. Referring to the internal block diagram, the
power MOSFETs gates. The low-side driver is sup-
control logic includes the PWM comparator, OR gate,
plied from VIN, whereas the high-side driver is
PWM latch, and portions of the adaptive dead-time
supplied from the BOOT pin. A bootstrap circuit uses
and control-logic block. During steady-state operation
an external BOOT capacitor and an internal 2.5-
Ω
below
the
current
limit
threshold,
the
PWM
bootstrap switch connected between the VIN and
comparator output and oscillator pulse train alter-
BOOT pins. The integrated bootstrap switch improves
nately reset and set the PWM latch. Once the PWM
drive efficiency and reduces external component
latch is set, the low-side FET remains on for a
count.
minimum duration set by the oscillator pulse width.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com