Electronic Components Datasheet Search
  English  ▼

X  

W_SERIES Datasheet(PDF) 7 Page - Copal Electronics

Part # W_SERIES
Description  WHITE LED DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W_SERIES Datasheet(HTML) 7 Page - Copal Electronics

  W_SERIES Datasheet HTML 1Page - Copal Electronics W_SERIES Datasheet HTML 2Page - Copal Electronics W_SERIES Datasheet HTML 3Page - Copal Electronics W_SERIES Datasheet HTML 4Page - Copal Electronics W_SERIES Datasheet HTML 5Page - Copal Electronics W_SERIES Datasheet HTML 6Page - Copal Electronics W_SERIES Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BASIC CIRCUITRY METHOD AND FEATURES
WHITE LED DRIVERS
■ Example of application in circuitry
W-6137
W-5200-5
W-5626
W-6238
Driver to Five (Max.) High-Brightness white LEDs
Driver to Six High-Brightness White LEDs (I2C control)
Driver to Ten (Max.) High-Brightness white LEDs
L: Murata LQH32CN220
VIN
VIN
SW
FB
GND
SHDN
Vfb = 300 mV
20 mA
R1
15
Ω
OFF
ON
2.2 V to
5.5 V
C1
C2
L
D
VOUT
22
μH
1
μF
0.22
μF
D: Central CMDSH2-3 (rated 30V)
W-6137
W-5626
VIN
VIN
VOUT
EN
SDA
SCL
GND
LEDA1
pair A
pair B
pair C
COUT
20 mA
LEDA2
LEDB1
LEDB2
LEDC1
LEDC2
C1–
C1+
C2–
C2+
3 V to
5.5 V
Cin
ENABLE
I2C INTERFACE
1
μF1μF
1
μF1μF
VIN
W-6238
VIN
L
D
VOUT
R1
15
20 mA
(300mV)
4.7F
C1
0. 22 F
C2
FB
SHDN
SW
GND
ON
47 H
OFF
L: Sumida CDC5D23B-470
D: Central CMDSH05-4
C2: Taiyo Yuden UMK212BJ224 (rated 50V)
5
3
1
2
IN
OUT
SGND
100
100
100
100
W-5200 5
Apply PWM Waveform for
Adjustable Brightness Control
3 V to 4.4 V
i ion
Battery
t
Drive up to 5 LEDs
100
+
1 F
1 F
46
C
C+
1 F
SHDN
ON OFF
VSHDN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com