Electronic Components Datasheet Search
  English  ▼

X  

W_SERIES Datasheet(PDF) 5 Page - Copal Electronics

Part # W_SERIES
Description  WHITE LED DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W_SERIES Datasheet(HTML) 5 Page - Copal Electronics

  W_SERIES Datasheet HTML 1Page - Copal Electronics W_SERIES Datasheet HTML 2Page - Copal Electronics W_SERIES Datasheet HTML 3Page - Copal Electronics W_SERIES Datasheet HTML 4Page - Copal Electronics W_SERIES Datasheet HTML 5Page - Copal Electronics W_SERIES Datasheet HTML 6Page - Copal Electronics W_SERIES Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BASIC CIRCUITRY METHOD AND FEATURES
WHITE LED DRIVERS
Designed for driving LEDs in series configuration
High output voltage, high efficiency (over 80%)
This will be explained by using W-52 as an example.
It is composed of a PWM modulator for activating switch
transistor SW and a oscillator which are inside the IC, as
well as current sensor circuitry Current Control and error
amplifier for detecting the current flowing through the LED
and diode Over Voltage Protection for guarding against
excessive voltage.
It operates by setting the LED current (5mA to 40mA) to
225 times the current flowing through the RSET pin. An error
signal travels to the PWM modulator so that the current
flowing through the LED connected to the output equalizes
with the set value, and the switching circuitry, comprised of
an external inductor and switch transistor, varies within an
ON/OFF range and regulates the (PWM) output current in
order to provide a constant amount of current. In irregular
circumstances, such as when the output ter minal is open,
a diode guarding against excessive voltage will prevent the
voltage from rising and protect the circuitry.
■ FEATURES
■ Circuitry structure and operation
1. Boost regulator Type [using coil]
Vin
C1
L1
1
6
Vin
5
SHDN
SW
D1
C2
3
LED
SOT23 Pin Numbres
Figure 1: W-52 Block Diagram
ILED
ILED=
225xIs
Over Voltage
Protection
(22V)
W-52
1.2MHz
Oscillator
PWM
& Logic
Current
Control
100 mV
225x
GND
2
ISRSET
RSET
Current
Sense
Amp
+
+
–
–



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com