Electronic Components Datasheet Search
  English  ▼

X  

W_SERIES Datasheet(PDF) 6 Page - Copal Electronics

Part # W_SERIES
Description  WHITE LED DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W_SERIES Datasheet(HTML) 6 Page - Copal Electronics

  W_SERIES Datasheet HTML 1Page - Copal Electronics W_SERIES Datasheet HTML 2Page - Copal Electronics W_SERIES Datasheet HTML 3Page - Copal Electronics W_SERIES Datasheet HTML 4Page - Copal Electronics W_SERIES Datasheet HTML 5Page - Copal Electronics W_SERIES Datasheet HTML 6Page - Copal Electronics W_SERIES Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BASIC CIRCUITRY METHOD AND FEATURES
WHITE LED DRIVERS
Designed for driving LEDs in parallel configuration
Low noise
The W-5200-5 use a switched capacitor charge pump to
boost the voltage at IN to a regulated output voltage.
Regulation is achieved by sensing the output voltage
through an internal resistor divider and modulating the
charge pump output current based on the error signal. A
switches. The external flying capacitor is charged from the
voltage and connected to OUT. The charging and
discharging the flying capacitor continues at a free running
frequency of typically 2 MHz.
■ FEATURES
■ Circuitry structure and operation
2. Charge pump regulator Type [using condenser]
+
EN
2 MHz
Voltage
Doubler
300 k
100 k
1.25 V
GND
IN
5 V
100 mA
OUT
SHDN
CNEG CPOS
2VIN
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com