Electronic Components Datasheet Search
  English  ▼

X  

MDF51 Datasheet(PDF) 6 Page - Hirose Electric

Part # MDF51
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 6 Page - Hirose Electric

Back Button MDF51 Datasheet HTML 2Page - Hirose Electric MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric MDF51 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
B327
MDF51 Series
●High Voltage Board to Cable Connectors
■Header, MDF51SU (Contact pitch 13mm)
●Straight, surface mount
Part Number
CL No.
Number of contacts
MDF51SU-2P-13V(23)
547-2016-6-23
2
Insulator Color
Beige
Packaging
600 pieces/reel
RoHS
YES
Order by number of reels.
●Packaging Specification
(44.5)
50.4MAX
(7.7)
Unreeling direction
Unreeling direction
20±0.1
B
B
A
A
A-A
(14.5)
4±0.1
(2)
Ø13±0.2
(4.45)
24.1
18.2
18.2
14.1
P=13
3.5mm dia. flat surface,
for placement with
automatic equipment.
t=0.3
Contact No.1 indicator
18.2±0.05
18.2±0.05
2±0.05
2±0.05
BRecommended PCB mounting
pattern
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com