Electronic Components Datasheet Search
  English  ▼

X  

MDF51 Datasheet(PDF) 10 Page - Hirose Electric

Part # MDF51
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 10 Page - Hirose Electric

Back Button MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric MDF51 Datasheet HTML 10Page - Hirose Electric MDF51 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B331
MDF51 Series
●High Voltage Board to Cable Connectors
■Usage Recommendations
1. Recommended temperature profile
2. Recommended flow temperature
3. Recommended manual soldering
4. Recommended screen thickness
and open area ratio
(Pattern area ratio)
5. Board warpage
6. Cleaning conditions
7. Wire preparation and contact
crimping
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface temperature at the point of
contacts with the connector terminals.
Peak temperature: 260ç for 10 seconds max.
Manual soldering: 380ç for 3 seconds
Thickness: 0.15 mm
Open area ratio: 100%
Maximum of 0.03 mm at the connector center, with both ends of the connector as reference points.
Refer to "Nylon Connector Use Handbook".
Refer to “Nylon Connector Use Handbook”.
The crimp contact termination must be performed using specified tools.
All dimensions and crimp conditions are listed in applicable Crimp Condition Table and
Crimping Quality Standards Manual.
10sMAX
30~60sec
60~120sec
255
çMAX
180
ç
100
150
200
250
230
ç
Time (Seconds)
Temperature (ç)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com