Electronic Components Datasheet Search
  English  ▼

X  

MDF51 Datasheet(PDF) 1 Page - Hirose Electric

Part # MDF51
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51 Datasheet(HTML) 1 Page - Hirose Electric

  MDF51 Datasheet HTML 1Page - Hirose Electric MDF51 Datasheet HTML 2Page - Hirose Electric MDF51 Datasheet HTML 3Page - Hirose Electric MDF51 Datasheet HTML 4Page - Hirose Electric MDF51 Datasheet HTML 5Page - Hirose Electric MDF51 Datasheet HTML 6Page - Hirose Electric MDF51 Datasheet HTML 7Page - Hirose Electric MDF51 Datasheet HTML 8Page - Hirose Electric MDF51 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
B322
High Voltage Board to Cable Connectors
MDF51 Series
■Features
1. Easy and simple mating
Built-in locks assure correct and complete mating with a
single push on the plug.
2. Reduced space requirement
Vertical mating direction and built-in self-aligning features
eliminate the need for the extra space when mating / un-
mating.
3. Designed for high voltage applications
Large contact pitch and the creepage distance maintain
stable and safe performance at high voltage levels.
4. Secure attachment to the board
Soldering at 4 points secure the headers to the board.
5. Secure hold during the soldering operation.
Through-hole termination header (12mm pitch only)
incorporates a hold-down feature to prevent dislocation
during the soldering operation.
6. UL, C-UL, and TÜV certified (12mm pitch only)
7. RoHS compliant
All components and materials comply with the
requirements of EU Directive 2002/95/EC.
■Applications
LCD TV backlights, FPD power supplies and other
applications requiring small high-voltage connectors.
Socket
Header
Lock
●Simple and secure mating with one push
●Secure hold during the soldering operation
Hold-down
Insulator
Contacts
●Reduced space requirement
(11.9)
MDF51K-2P-12DSA
MDF51-2S-12C
(14.1)
MDF51SU-2P-13V
MDF51SU-2S-13C
MDF51SU-2S-13C
MDF51SY-2P-13DSA
(14.1)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51K-2P-12DSA(20) HIROSE-MDF51K-2P-12DSA(20) Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
MDF51SU-2P-13V(23) HIROSE-MDF51SU-2P-13V(23) Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
MDF51SY-2P-13DSA(21) HIROSE-MDF51SY-2P-13DSA(21) Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
More results

Similar Description - MDF51

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
1mm Pitch Cable-to-Board Connectors supporting LVDS signal
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
High contact pressure Wire-to-Board connectors
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
High Voltage Wire-to-Board Connectors
logo
JST Mfg. Co., Ltd.
LBT JST-LBT Datasheet
137Kb / 3P
Board-to-board connectors
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com