Electronic Components Datasheet Search
  English  ▼

X  

VPC3231D Datasheet(PDF) 51 Page - Micronas

Part # VPC3231D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3231D Datasheet(HTML) 51 Page - Micronas

Back Button VPC3231D Datasheet HTML 47Page - Micronas VPC3231D Datasheet HTML 48Page - Micronas VPC3231D Datasheet HTML 49Page - Micronas VPC3231D Datasheet HTML 50Page - Micronas VPC3231D Datasheet HTML 51Page - Micronas VPC3231D Datasheet HTML 52Page - Micronas VPC3231D Datasheet HTML 53Page - Micronas VPC3231D Datasheet HTML 54Page - Micronas VPC3231D Datasheet HTML 55Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
51
4. Specifications
4.1. Outline Dimensions
Fig. 4–1: 80-Pin Plastic Quad Flat Package
(PQFP80)
Weight approximately 1.61 g
Dimensions in mm
4.2. Pin Connections and Short Descriptions
NC = not connected
LV = if not used, leave vacant
X = obligatory; connect as described in circuit diagram
SUPPLYA=4.75...5.25V, SUPPLYD=3.15...3.45V
23.2
8
9.8
1.8
20
16
5
8
10.3
23 x 0.8 = 18.4
0.8
41
64
24
1
65
80
40
25
1.28
2.70
1.8
0.1
3 ±0.2
0.17 ±0.03
SPGS0025-1/1E
Pin No.
PQFP
80-pin
Pin Name
Type
Connection
(if not used
)
Short Description
1
B1/CB1IN
IN
VREF
Blue1/Cb1 Analog Component Input
2
G1/Y1IN
IN
VREF
Green1/Y1 Analog Component Input
3
R1/CR1IN
IN
VREF
Red1/Cr1 Analog Component Input
4
B2/CB2IN
IN
VREF
Blue2/Cb2 Analog Component Input
5
G2/Y2IN
IN
VREF
Green2/Y2 Analog Component Input
6
R2/CR2IN
IN
VREF
Red2/Cr2 Analog Component Input
7
ASGF
X
Analog Shield GNDF
9VSUPCAP
SUPPLYD
X
Supply Voltage, Digital Decoupling Circuitry
10
VSUPD
SUPPLYD
X
Supply Voltage, Digital Circuitry
11
GNDD
SUPPLYD
X
Ground, Digital Circuitry
12
GNDCAP
SUPPLYD
X
Ground, Digital Decoupling Circuitry
13
SCL
IN/OUT
X
I2C Bus Clock
14
SDA
IN/OUT
X
I2C Bus Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com