Electronic Components Datasheet Search
  English  ▼

X  

VPC3231D Datasheet(PDF) 54 Page - Micronas

Part # VPC3231D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3231D Datasheet(HTML) 54 Page - Micronas

Back Button VPC3231D Datasheet HTML 50Page - Micronas VPC3231D Datasheet HTML 51Page - Micronas VPC3231D Datasheet HTML 52Page - Micronas VPC3231D Datasheet HTML 53Page - Micronas VPC3231D Datasheet HTML 54Page - Micronas VPC3231D Datasheet HTML 55Page - Micronas VPC3231D Datasheet HTML 56Page - Micronas VPC3231D Datasheet HTML 57Page - Micronas VPC3231D Datasheet HTML 58Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
54
Micronas
*) chroma selector must be set to 1 (CIN chroma select)
4.3. Pin Descriptions
(pin numbers for PQFP80 package)
Pins 1-3 – Analog Component Inputs RGB1/YCrCb1
(Fig. 4–11)
These are analog component inputs with fast blank
control. A RGB or YCrCb signal is converted using the
component AD converter. The input signals must be
AC-coupled.
Pins 4-6 – Analog Component Inputs RGB2/YCrCb2
(Fig. 4–11)
These are analog component inputs without fastblank
control. A RGB or YCrCb signal is converted using the
component AD converter. The input signals must be
AC-coupled.
Pin 7, 64 – Ground, Analog Shield Front-End GNDF
Pin 9 – Supply Voltage, Decoupling Circuitry VSUPCAP
This pin is connected with 220 nF/1.5 nF/390 pF to
GNDCAP.
Pin 10 – Supply Voltage, Digital Circuitry VSUPD
Pin 11 – Ground, Digital Circuitry GNDD
Pin 12 – Ground, Decoupling Circuitry GNDCAP
Pin 13– I2C Bus Clock SCL (Fig. 4–3)
This pin connects to the I2C bus clock line.
Pin 14– I2C Bus Data SDA (Fig. 4–12)
This pin connects to the I2C bus data line.
Pin 15 – Reset Input RESQ (Fig. 4–3)
A low level on this pin resets the VPC 32xx.
Pin 16 – Test Input TEST (Fig. 4–3)
This pin enables factory test modes. For normal opera-
tion, it must be connected to ground.
Pin 17 – VGAV-Input (Fig. 4–3)
This pin is connected to the vertical sync signal of a VGA
signal.
Pin 18 – YC Output Enable Input YCOEQ (Fig. 4–3)
A low level on this pin enables the luma and chroma
outputs.
Pin 19 – FIFO Input Enable FFIE (Fig. 4–4)
This pin is connected to the IE pin of the external field
memory.
Pin 20 – FIFO Write Enable FFWE (Fig. 4–4)
This pin is connected to the WE pin of the external field
memory.
Pin 21 – FIFO Reset Write/Read FFRSTW (Fig. 4–4)
This pin is connected to the RSTW pin of the external
field memory.
Pin 22 – FIFO Read Enable FFRE (Fig. 4–4)
This pin is connected to the RE pin of the external field
memory.
Pin 23 – FIFO Output Enable FFOE (Fig. 4–4)
This pin is connected to the OE pin of the external field
memory.
Pin 24 – Main Clock Output CLK20 (Fig. 4–4)
This is the 20.25 MHz main clock output.
Pin 25 – Ground, Analog Pad Circuitry GNDPA
Pin 26 – Supply Voltage, Analog Pad Circuitry VSUPPA
This pin is connected with 47 nF/1.5 nF to GNDPA
Pin 27 – Double Output Clock, LLC2 (Fig. 4–4)
Pin 28 – Output Clock, LLC1 (Fig. 4–4)
This is the clock reference for the luma, chroma, and
status outputs.
77
GNDAI
SUPPLYA
X
Ground, Analog Component Inputs Front-End
78
VREF
OUTPUT
X
Reference Voltage Top, Analog Component
Inputs Front-End
79
FB1IN
IN
VREF
Fast Blank Input
80
AISGND
SUPPLYA
X
Signal Ground for Analog Component Inputs,
connect to GNDAI
8, 61
NC
–
LV OR GNDD
Not connected
Pin No.
PQFP
80-pin
Pin Name
Type
Connection
(if not used
)
Short Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com