Electronic Components Datasheet Search
  English  ▼

X  

VPC3231D Datasheet(PDF) 55 Page - Micronas

Part # VPC3231D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3231D Datasheet(HTML) 55 Page - Micronas

Back Button VPC3231D Datasheet HTML 51Page - Micronas VPC3231D Datasheet HTML 52Page - Micronas VPC3231D Datasheet HTML 53Page - Micronas VPC3231D Datasheet HTML 54Page - Micronas VPC3231D Datasheet HTML 55Page - Micronas VPC3231D Datasheet HTML 56Page - Micronas VPC3231D Datasheet HTML 57Page - Micronas VPC3231D Datasheet HTML 58Page - Micronas VPC3231D Datasheet HTML 59Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
55
Pin 29 – Supply Voltage, LLC Circuitry VSUPLLC
This pin is connected with 68 nF to GNDLLC
Pin 30 – Ground, LLC Circuitry GNDLLC
Pins 31 to 34,37 to 40 – Luma Outputs Y7 – Y0 (Fig.
4–4)
These output pins carry the digital luminance data. The
outputs are clocked with the LLC1 clock. In ITUR656
mode the Y/C data is multiplexed and clocked with
LLC2 clock.
Pin 35– Ground, Luma Output Circuitry GNDY
This pin is connected with 68 nF to GNDY
Pin 36 – Supply Voltage, Luma Output Circuitry VSUPY
Pins 41 to 44,47 to 50 – Chroma Outputs C7–C0 (Fig.
4–4) These outputs carry the digital CrCb chrominance
data. The outputs are clocked with the LL1 clock. The
CrCb data is sampled at half the clock rate and multi-
plexed. The CrCb multiplex is reset for each TV line. In
ITUR656 mode, the chroma outputs are tri-stated.
Pin 45 – Supply Voltage, Chroma Output Circuitry
VSUPC
This pin is connected with 68 nF to GNDC
Pin 46 – Ground, Chroma Output Circuitry GNDC
Pin 51 – Ground, Sync Pad Circuitry GNDSY
Pin 52 – Supply Voltage, Sync Pad Circuitry VSUPSY
This pin is connected with 47 nF/1.5 nF to GNDSY
Pin 53 – Interlace Output, INTLC (Fig. 4–4)
This pin supplies the interlace information, 0 indicates
first field, 1 indicates second field.
Pin 54 – Active Video Output, AVO (Fig. 4–4)
This pin indicates the active video output data. The
signal is clocked with the LLC1 clock.
Pin 55 – Front Sync/Horizontal Clamp Pulse, FSY/HC
(Fig. 4–4)
This signal can be used to clamp an external video sig-
nal, that is synchronous to the input signal. The timing
is programmable. In DIGIT3000 mode, this pin sup-
plies the front sync information.
Pin 56 – Main Sync/Horizontal Sync Pulse MSY/HS
(Fig. 4–4)
This pin supplies the horizontal sync pulse information
in line-locked mode. In DIGIT3000 mode, this pin is the
main sync input.
Pin 57 – Vertical Sync Pulse, VS (Fig. 4–4)
This pin supplies the vertical sync signal.
Pin 58 – Front-End/ Back-End Data FPDAT (Fig. 4–5)
This pin interfaces to the DDP 3300A back-end pro-
cessor. The information for the deflection drives and for
the white drive control, i. e. the beam current limiter, is
transmitted by this pin.
Pin 59 – Standby Supply Voltage VSTDBY
In standby mode, only the clock oscillator is active,
GNDF should be ground reference. Please activate
RESQ before powering-up other supplies
Pin 60 – CCU 5 MHz Clock Output CLK5 (Fig. 4–10)
This pin provides a clock frequency for the TV micro-
controller, e.g. a CCU 3000 controller. It is also used by
the DDP 3300A display controller as a standby clock.
Pins 62and 63 – XTAL1 Crystal Input and XTAL2 Crys-
tal Output (Fig. 4–7)
These pins are connected to an 20.25 MHz crystal
oscillator which is digitally tuned by integrated shunt
capacitances. The CLK20 and CLK5 clock signals are
derived from this oscillator. An external clock can be
fed into XTAL1. In this case, clock frequency adjust-
ment must be switched off.
Pin 65 – Ground, Analog Front-End GNDF
Pin 66 – Reference Voltage Top VRT (Fig. 4–8)
Via this pin, the reference voltage for the A/D converters
is decoupled. The pin is connected with 10
µF/47 nF to
the Signal Ground Pin.
Pin 67 – I2C Bus address select I2CSEL
This pin determines the I2C bus address of the IC.
Pin 68 – Signal GND for Analog Input ISGND (Fig. 4–
10) This is the high quality ground reference for the
video input signals.
Pin 69 – Supply Voltage, Analog Front-End VSUPF
(Fig. 4–8)
This pin is connected with 220 nF/1.5 nF/390 pF to
GNDF
Pin 70 – Analog Video Output, VOUT (Fig. 4–6)
The analog video signal that is selected for the main
(luma, CVBS) ADC is output at this pin. An emitter fol-
lower is required at this pin.
Pin 71 – Chroma Input CIN (Fig. 4–9)
This pin is connected to the S-VHS chroma signal. A
resistive divider is used to bias the input signal to the
middle of the converter input range. CIN can only be
Table 4–1: VPC32xxD I2C address select
I2CSEL
I2C Add.
GNDF
88/89 hex
VRT
8C/8D hex
VSUPF
8E/8F hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com