Electronic Components Datasheet Search
  English  ▼

X  

X90100 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X90100
Description  NV Electronically Programmable Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X90100 Datasheet(HTML) 2 Page - Xicor Inc.

  X90100 Datasheet HTML 1Page - Xicor Inc. X90100 Datasheet HTML 2Page - Xicor Inc. X90100 Datasheet HTML 3Page - Xicor Inc. X90100 Datasheet HTML 4Page - Xicor Inc. X90100 Datasheet HTML 5Page - Xicor Inc. X90100 Datasheet HTML 6Page - Xicor Inc. X90100 Datasheet HTML 7Page - Xicor Inc. X90100 Datasheet HTML 8Page - Xicor Inc. X90100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
REV 1.4.7 9/8/03
www.xicor.com
X90100
PIN CONFIGURATION
X90100 ORDERING CODES
PIN DESCRIPTIONS
Ordering
Number
Ctotal
Package
Temperature
Range
X90100M8I
7.5pF to 14.5pF, Single Ended
8-lead MSOP
-40C to +85C
X90100X8I
7.5pF to 14.5pF, Single Ended
8-lead FCP
-40C to +85C
Pin Number
Symbol
Brief Description
MSOP
FCP
1
6
INC
Increment (INC). The INC input is negative-edge triggered. Toggling INC will move the
capacitance value and either increment or decrement the counter in the direction indicat-
ed by the logic level on the U/D input.
2
7
U/D
Up/Down (U/D). The U/D input controls the direction of the trimmed capacitor value and
whether the counter is incremented or decremented.
38
VSS
Ground.
45
Cp
Cp. The high (Cp) and low (Cm) terminals of the X90100 are equivalent to the fixed ter-
minals of a mechanical trimmable capacitor. The minimum dc voltage is VSS and the
maximum is VCC. The value of capacitance across the terminals is determined by digital
inputs INC, U/D, and CS.
54
Cm
Cm. The high (Cp) and low (Cm) terminals of the X90100 are equivalent to the fixed ter-
minals of a mechanical trimmable capacitor. The minimum dc voltage is VSS and the
maximum is VCC. The value of capacitance across the terminals is determined by digital
inputs INC, U/D, and CS.
6
2
N/C
Not Connected. Must be floating.
71
CS
Chip Select (CS). The device is selected when the CS input is LOW. The current counter
value is stored in nonvolatile memory when CS is returned HIGH while the INC input is
also HIGH. After the store operation is complete the X90100 will be placed in the low
power standby mode until the device is selected once again.
83
VCC
Positive Supply Voltage.
VCC
CS
INC
U/D
1
2
3
4
8
7
6
5
X90100
MSOP
N/C
Cm
Vss
Cp
VCC Limits
Blank =2.7V to 5.5V
Temperature Range
I = Industrial = –40
°C to +85°C
Package
M = 8-Lead MSOP
X = 8-Bump FCP (Flipchip)
Base Part Number
X90100
X
X
X
1
2
3
4
6
5
78
X90100
FCP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com