Electronic Components Datasheet Search
  English  ▼

X  

X90100 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X90100
Description  NV Electronically Programmable Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X90100 Datasheet(HTML) 4 Page - Xicor Inc.

  X90100 Datasheet HTML 1Page - Xicor Inc. X90100 Datasheet HTML 2Page - Xicor Inc. X90100 Datasheet HTML 3Page - Xicor Inc. X90100 Datasheet HTML 4Page - Xicor Inc. X90100 Datasheet HTML 5Page - Xicor Inc. X90100 Datasheet HTML 6Page - Xicor Inc. X90100 Datasheet HTML 7Page - Xicor Inc. X90100 Datasheet HTML 8Page - Xicor Inc. X90100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
X90100
4 of 10
REV 1.4.7 9/8/03
www.xicor.com
D.C. OPERATING CHARACTERISTICS (VCC = 5V, TA = 25°C unless otherwise specified)
ENDURANCE AND DATA RETENTION (VCC = 5V, TA = 25°C unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.(4)
Max.
ICC1
VCC active current (Increment)
50
100
µA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V @ max. tCYC
ICC2
VCC active current (Store) (EE-
PROM Store)
250
500
µA
CS = VIH, U/D = VIL or VIH and
INC = VIH @ max. tWR
ISB
Standby supply current
0.5
2
µA
CS = VCC – 0.3V, U/D and
INC = VSS or VCC – 0.3V
ILI
CS, INC, U/D input leakage
current
-15
µA
VIN = VSS
VIH
CS, INC, U/D input HIGH voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
–0.5
VCC x 0.1
V
CIN(5)
CS, INC, U/D input capacitance
10
pF
VCC = 5V, VIN = VSS,
TA = 25°C, f = 1MHz
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
A.C. CONDITIONS OF TEST
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com