Electronic Components Datasheet Search
  English  ▼

X  

X90100 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X90100
Description  NV Electronically Programmable Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X90100 Datasheet(HTML) 3 Page - Xicor Inc.

  X90100 Datasheet HTML 1Page - Xicor Inc. X90100 Datasheet HTML 2Page - Xicor Inc. X90100 Datasheet HTML 3Page - Xicor Inc. X90100 Datasheet HTML 4Page - Xicor Inc. X90100 Datasheet HTML 5Page - Xicor Inc. X90100 Datasheet HTML 6Page - Xicor Inc. X90100 Datasheet HTML 7Page - Xicor Inc. X90100 Datasheet HTML 8Page - Xicor Inc. X90100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
REV 1.4.7 9/8/03
www.xicor.com
X90100
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65
°C to +135°C
Storage temperature .........................–65°C to +150°C
Voltage on CS, INC, U/D, CP, and
CM with respect to VSS ...........................–1V to +7V
∆V = |VCP–VCM| ..................................................... 5V
Lead temperature (soldering 10 seconds)..........300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this specifi-
cation) is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
CAPACITOR CHARACTERISTICS (Vcc=+5V, TA=25°C, single ended mode, CM = 0V, unless otherwise stated.)
Notes: (1) Absolute linearity is used to determine actual capacitance versus expected capacitance = C(n)(actual) — C(n) (expected) = ±0.15 Ml.
(2) Relative linearity is a measure of the error in step size between settings = C(n+1)—[C(n) + Ml] = ±0.15 Ml.
(3) lsb = least significant bit = CTOT/31.
(4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is not 100% tested
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ(4).
Max.
Unit
Absolute accuracy
±15
%
VCp
Cp terminal voltage
0
VCC
V
VCm
Cm terminal voltage
0
VCC
V
∆C
Capacitance increments
0.23
pF
∆C
Capacitance range
7
pF
CTOTAL
Capacitance at Code=0
7.5
pF
CTOTAL
Capacitance at Code=31
14.5
pF
Q
Quality factor(5)
7
f=315 MHz
Resolution
5
bits
INL
Absolute linearity error(1)
±0.15
lsb
DNL
Relative linearity error(2)
±0.15
lsb
TC1
CTOTAL Temperature Coefficient
(5)
±50
ppm/°C Differential Mode
VCC
Supply Voltage
2.7
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com